công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33790EG bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC33790EG
Giải thích chi tiết về linh kiện  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33790EG bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC33790EG Datasheet HTML 1Page - Motorola, Inc MC33790EG Datasheet HTML 2Page - Motorola, Inc MC33790EG Datasheet HTML 3Page - Motorola, Inc MC33790EG Datasheet HTML 4Page - Motorola, Inc MC33790EG Datasheet HTML 5Page - Motorola, Inc MC33790EG Datasheet HTML 6Page - Motorola, Inc MC33790EG Datasheet HTML 7Page - Motorola, Inc MC33790EG Datasheet HTML 8Page - Motorola, Inc MC33790EG Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
33790
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Supply Voltage
Continuous
Load Dump - t < 300 ms
VSUP
VSUP(t)
-0.5 to 25
40
V
Maximum Voltage on Input/Output Pins
VDD
DSIxS, DSIxF (Note 1)
DSIxO (Note 1)
-0.3 to 5.5
-0.3 to VDD+0.3
-0.3 to VSUP+0.3
V
Storage Temperature
TSTG
-55 to 150
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Lead Temperature (IR Reflow Soldering for >60 s @ >183
°C), 10 s @ >215°CTSOLDER
230
°C
Continuous Current per Pin
VDD
DSIxR
VSUP
0 to 10
-2.5 to 5.0
500
mA
Thermal Resistance Junction to Ambient
RθJA
45
°C/W
Thermal Shutdown
TSD
155 to 190
°C
ESD Voltage (All Pins)
Human Body Model (Note 2)
Machine Model (Note 3)
VESD1
VESD2
±2000
±200
V
Notes
1.
R = 0
Ω.
2.
ESD1 performed in accordance with the Human Body Model (CZAP=100pF, RZAP=1500 Ω).
3.
ESD2 performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33790EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33790DW FREESCALE-MC33790DW Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DW FREESCALE-MC33790DW Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Mô tả tương tự - MC33790EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com