công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33793DR2 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC33793DR2
Giải thích chi tiết về linh kiện  Distributed System Interface (DSI) Sensor Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33793DR2 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC33793DR2 Datasheet HTML 1Page - Motorola, Inc MC33793DR2 Datasheet HTML 2Page - Motorola, Inc MC33793DR2 Datasheet HTML 3Page - Motorola, Inc MC33793DR2 Datasheet HTML 4Page - Motorola, Inc MC33793DR2 Datasheet HTML 5Page - Motorola, Inc MC33793DR2 Datasheet HTML 6Page - Motorola, Inc MC33793DR2 Datasheet HTML 7Page - Motorola, Inc MC33793DR2 Datasheet HTML 8Page - Motorola, Inc MC33793DR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33793
3
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
1
BUSRTN
This pin provides the common return for power and signalling.
2
I/O0
This pin can be used to provide a logic level output, a logic input, or an analog-to-digital (A/D) input.
3, 5
AGND
This pin is the low reference level and power return for the analog-to-digital converter (ADC).
4
I/O1
This pin can be used to provide a logic level output, a logic input, or an A/D input.
6
I/O3
This pin can be used to provide a logic level output, a logic input, or an A/D input.
7, 10, 13, 15
NC
These pins have no internal connections.
8
I/O2
This pin can be used to provide a logic level output, a logic input, or an A/D input.
9
LOGOUT
This is a logic output with higher pull-up drive capability than the standard logic I/O.
11
REGOUT
This pin provides a regulated 5.0 V output. The power is derived from the bus.
12
H_CAP
A capacitor attached to this pin is charged by the bus during bus idle and supplies current to run the device
and for external devices via the REGOUT pin during non-idle periods.
14
BUSIN
This pin attaches to the bus and responds to initialization commands.
16
BUSOUT
This pin attaches to the bus and responds to reverse initialization commands.
LOGOUT
BUSOUT
NC
BUSIN
NC
H_CAP
NC
REGOUT
I/O2
BUSRTN
I/O0
AGND
I/O1
AGND
NC
I/O3
8
2
3
4
5
7
6
9
16
15
14
13
12
10
11
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33793DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33793DR2 FREESCALE-MC33793DR2 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
More results

Mô tả tương tự - MC33793DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com