công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33790DW bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC33790DW
Giải thích chi tiết về linh kiện  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33790DW bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC33790DW Datasheet HTML 1Page - Motorola, Inc MC33790DW Datasheet HTML 2Page - Motorola, Inc MC33790DW Datasheet HTML 3Page - Motorola, Inc MC33790DW Datasheet HTML 4Page - Motorola, Inc MC33790DW Datasheet HTML 5Page - Motorola, Inc MC33790DW Datasheet HTML 6Page - Motorola, Inc MC33790DW Datasheet HTML 7Page - Motorola, Inc MC33790DW Datasheet HTML 8Page - Motorola, Inc MC33790DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33790
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VSUP ≤ 25.0 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY
ISUP Supply Current /Channel (Not Including IOUT)
DSIx0 = Idle Voltage, -100 mA
≤ IOUT ≤ 0mA
DSIx0 = Output High Voltage, IOUT = 12 mA
ISUPI
ISUPH
1.35
5.0
3.25
9.00
mA
IDD Supply Current /Channel
IDD
–0.5
1.0
mA
BUS TRANSMITTER
VSUP to DSIxO ON Resistance (During Idle)
IOUT = -100 mA
RDS(on)
––
10
Output High Voltage
DSIx0 (-15 mA
≤ IOUT ≤ 1.0 mA)
DSIVOH
4.175
4.5
4.825
V
Output Low Voltage
DSIx0 (-15 mA
≤ IOUT ≤ 1.0 mA)
DSIVOL
1.325
1.5
1.675
V
Output High-Side Current Limit (Note 4)
ICLH
-100
-200
mA
Output Low-Side Current Limit (Note 4)
ICLL
110
220
mA
Input Leakage
DSIxO When DSIxF Is High and DSIxS Is Low (0 V
≤ DSIxO ≤ Min (VSUP = 16.5 V))
DSIIB
-200
50
µA
BUS RECEIVER
Return Current Threshold
IRH
-5.0
-6.0
-7.0
mA
MICROCONTROLLER INTERFACE
Logic Input Thresholds DSIxS, DSIxF
VIN(TH)
1.10
2.20
V
Output High Voltage
DSIxR Pin = -0.5 mA
VOH
0.8*VDD
–VDD
V
Output Low Voltage
DSIxR Pin = 1.0 mA
VOL
0.0
0.2*VDD
V
Internal Pull-Up for DSIxF
IIL
-100
-10
µA
Internal Pull-Down for DSIxS
IIH
10
100
µA
Notes
4.
After 10
µs settling time (assured by design).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33790DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33790DW FREESCALE-MC33790DW Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DW FREESCALE-MC33790DW Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Mô tả tương tự - MC33790DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com