công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33742 bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MC33742
Giải thích chi tiết về linh kiện  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33742 bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MC33742 Datasheet HTML 7Page - Motorola, Inc MC33742 Datasheet HTML 8Page - Motorola, Inc MC33742 Datasheet HTML 9Page - Motorola, Inc MC33742 Datasheet HTML 10Page - Motorola, Inc MC33742 Datasheet HTML 11Page - Motorola, Inc MC33742 Datasheet HTML 12Page - Motorola, Inc MC33742 Datasheet HTML 13Page - Motorola, Inc MC33742 Datasheet HTML 14Page - Motorola, Inc MC33742 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33742
11
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA =25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CANH AND CANL TERMINALS
Bus Terminals Common Mode Voltage
VCM
-27
40
V
Differential Input Voltage (Common Mode Between -3.0 V and 7.0 V)
Recessive State at RXD
Dominant State at RXD
VCANH - VCANL
900
500
mV
Differential Input Hysteresis (RXD)
VHYST
100
mV
Input Resistance
RIN
5.0
100
k
Differential Input Resistance
RIND
10
100
k
CANH Output Voltage
TXD Dominant State
TXD Recessive State
VCANH
2.75
4.5
3.0
V
CANL Output Voltage
TXD Dominant State
TXD Recessive State
VCANL
0.5
2.0
2.25
V
Differential Output Voltage
TXD Dominant State
TXD Recessive State
VoH-VoL
1.5
3.0
100
V
mV
Output Current Capability (Dominant State)
CANH
CANL
ICANH
ICANL
35
-35
mA
Overtemperature Shutdown
TSD
160
180
°C
CANL Overcurrent Detection (Note 26)
CANL
CANH
ICANL/OC
ICANH/OC
60
-200
200
-60
mA
CANH and CANL Input Current, Device Supplied (CAN Sleep Mode with
CAN Wake-Up Enabled or Disabled)
VCANH, VCANL from 0 V to 5.0 V
VCANH, VCANL =-2.0 V
VCANH, VCANL =7.0 V
ICAN1
-60
3.0
-50
60
10
75
µA
CANH and CANL Input Current, Device Unsupplied
VCANH, VCANL = 2.5 V
VCANH, VCANL = -2.0 V
VCANH, VCANL =7.0 V
ICAN2
-60
40
-50
190
100
240
µA
Notes
26.
Reported in CAN register. For a description of the contents of the CAN register, refer to CAN Register (CAN) on page 40.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33742

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33742DW FREESCALE-MC33742DW Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW FREESCALE-MC33742DW Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742EP FREESCALE-MC33742EP Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Mô tả tương tự - MC33742

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com