công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33689 bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC33689
Giải thích chi tiết về linh kiện  System Basis Chip with LIN transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33689 bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC33689 Datasheet HTML 1Page - Motorola, Inc MC33689 Datasheet HTML 2Page - Motorola, Inc MC33689 Datasheet HTML 3Page - Motorola, Inc MC33689 Datasheet HTML 4Page - Motorola, Inc MC33689 Datasheet HTML 5Page - Motorola, Inc MC33689 Datasheet HTML 6Page - Motorola, Inc MC33689 Datasheet HTML 7Page - Motorola, Inc MC33689 Datasheet HTML 8Page - Motorola, Inc MC33689 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC33689
5
MC33689
Reset pull down current
Ipdw
1.5
8
mA
Internally limited. Vdd<4V,
Vreset = 4.6V
Reset Duration after Vdd High
reset-dur
0.65
1
1.35
ms
IN: input
High Level Input Voltage
Vih
0.7Vdd
Vdd+0.3
V
Low Level Input Voltage
Vil
-0.3
0.3Vdd
V
Input Current
Iin
-10
10
µA0<V
IN<Vdd
MISO: SPI output
Low Level Output Voltage
Vol
0
1.0
V
I out = 1.5mA
High Level Output Voltage
Voh
Vdd-0.9
Vdd
V
I out = -250uA
Tristated MISO Leakage Current
-2
+2
uA
0V<Vmiso<Vdd
MOSI, SCLK, CSB: SPI input
High Level Input Voltage
Vih
0.7Vdd
Vdd+0.3
Low Level Input Voltage
Vil
-0.3
0.3Vdd
V
CSB Pull up current source
Iih
-100
-20
uA
Vi 1V to 3.5V
MOSI, SCK Input Current
Iin
-10
10
uA
0<VIN<Vdd
SPI: DIGITAL INTERFACE TIMING
SPI operation frequency
Freq
0.25
4
MHz
SCLK Clock Period
tpCLK
250
N/A
ns
SCLK Clock High Time
twSCLKH
125
N/A
ns
SCLK Clock Low Time
twSCLKL
125
N/A
ns
Falling Edge of CS to Rising
Edge of SCLK
tlead
100
N/A
ns
Falling Edge of SCLK to CS Rising Edge
tlag
100
N/A
ns
MOSI to Falling Edge of SCLK
tSISU
40
N/A
ns
Falling Edge of SCLK to MOSI
tSIH
40
N/A
ns
MISO Rise Time (CL = 220pF)
trSO
25
50
ns
guaranteed by design
MISO Fall Time (CL = 220pF)
tfSO
25
50
ns
guaranteed by design
Time from Falling or Rising Edges of CS to:
- MISO Low Impedance
- MISO High Impedance
tSOEN
tSODIS
050
50
ns
guaranteed by design
Time from Rising Edge of SCLK to MISO
Data Valid
tvalid
050
ns
0.2 V1=<MISO>=0.8V1,
CL=100pF
guaranteed by design
(Vs1 and Vs2 from 5.5V to 18V and Tamb from -40°C to 125°C unless otherwise noted)
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33689

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
MC33689DDWB FREESCALE-MC33689DDWB Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
MC33689DDWBR2 FREESCALE-MC33689DDWBR2 Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
MC33689DPEW NXP-MC33689DPEW Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
More results

Mô tả tương tự - MC33689

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com