công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC0V104ZFTBR32-SS bảng dữ liệu(PDF) 6 Page - Kemet Corporation

tên linh kiện FC0V104ZFTBR32-SS
Giải thích chi tiết về linh kiện  Supercapacitors FC Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V104ZFTBR32-SS bảng dữ liệu(HTML) 6 Page - Kemet Corporation

Back Button FC0V104ZFTBR32-SS Datasheet HTML 2Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 3Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 4Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 5Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 6Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 7Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 8Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 9Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6011_FC • 3/7/2014
Supercapacitors – FC Series
Specifications
* Must fulfill the above condition after reflow soldering.
Item
FC 5.5 V Type, 3.5 V Type
Test Conditions
(conforming to JIS C 5160-1)
Category Temperature Range
-25ºC to +70ºC
Maximum Operating Voltage
5.5 VDC, 3.5 VDC
Capacitance
Refer to Table 1
Refer to “Measurement Conditions”
Capacitance Allowance
+80%, -20%
Refer to “Measurement Conditions”
ESR
Refer to Table 1
Measured at 1 kHz, 10 mA; See also
“Measurement Conditions”
Current (30 minutes value)
Refer to Table 1
Refer to “Measurement Conditions”
* Surge
Capacitance
> 90% of initial ratings
Surge voltage:
Charge:
Discharge:
Number of cycles:
Series resistance:
Discharge
resistance:
Temperature:
4.0 V (3.5 V type, 3.6
V type)
6.3 V (5.5 V type)
30 seconds
9 minutes 30 seconds
1,000
0.043 F, 0.047 F 300 Ω
0.068 F
240 Ω
0.10 F
150 Ω
0.22 F
56 Ω
0.47 F
30 Ω
1.0 F
15 Ω
0 Ω
70 ±2ºC
ESR
≤ 120% of initial ratings
Current (30 minutes value)
≤ 120% of initial ratings
Appearance
No obvious abnormality
* Characteristics in Different
Temperature
Capacitance
Phase 2
≥ 50% of initial value
Conforms to 4.17
Phase 1:
Phase 2:
Phase 4:
Phase 5:
Phase 6:
+25 ±2ºC
-25 ±2ºC
+25 ±2ºC
+70 ±2ºC
+25 ±2ºC
ESR
≤ 400% of initial value
Capacitance
Phase 3
ESR
Capacitance
Phase 5
≤ 200% of initial value
ESR
Satisfy initial ratings
Current (30 minutes value)
1.5 CV (mA) or below
Capacitance
Phase 6
Within ±20% of initial value
ESR
Satisfy initial ratings
Current (30 minutes value)
Satisfy initial ratings
* Vibration Resistance
Capacitance
Satisfy initial ratings
Conforms to 4.13
Frequency:
Testing Time:
10 to 55 Hz
6 hours
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
* Solder Heat Resistance
Capacitance
Satisfy initial ratings
Cooled down to ambient temperature after
reflow soldering, then the product must fulfill the
condition stated left. (See Precautions for Use)
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
* Temperature Cycle
Capacitance
Satisfy initial ratings
Conforms to 4.12
Temperature
Condition:
Number of cycles:
-25ºC→ Room
temperature→
+70ºC→ Room
temperature
5 cycles
ESR
Current (30 minutes value)
Appearance
No obvious abnormality


Số phần tương tự - FC0V104ZFTBR32-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FC0V104ZFTBR32-SS KEMET-FC0V104ZFTBR32-SS Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Mô tả tương tự - FC0V104ZFTBR32-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS_17 Datasheet
785Kb / 16P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com