công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC0V104ZFTBR32-SS bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện FC0V104ZFTBR32-SS
Giải thích chi tiết về linh kiện  Supercapacitors FC Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V104ZFTBR32-SS bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  FC0V104ZFTBR32-SS Datasheet HTML 1Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 2Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 3Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 4Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 5Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 6Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 7Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 8Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6011_FC • 3/7/2014
One world. One KEMET
Benefits
• Surface mount without holder
• Wide range of temperature from -25°C to +70°C
• Maintenance free
• Operational Voltage: 3.5 – 5.5 VDC
• Highly reliable against liquid leakage
• Lead-free and RoHS Compliant
Overview
FC Series Supercapacitors, also known as Electric Double-
Layer Capacitors (EDLCs), are surface mount type components
intended for high energy storage applications. The FC Series is
designed specifically for reflow soldering, allowing them to be
attached to a printed circuit board (PCB) directly.
Applications
Supercapacitors have characteristics ranging from traditional
capacitors and batteries. As a result, supercapacitors can be
used like a secondary battery when applied in a DC circuit.
These devices are best suited for use in low voltage DC hold-up
applications such as embedded microprocessor systems with
flash memory.
Supercapacitors
FC Series
Part Number System
FC
0H
104
Z
F
TB
R
24
-SS
Series
Surface Mount
Maximum
Operating Voltage Capacitance Code (F)
Capacitance
Tolerance
Environmental Tape Type Orientation Tape Width
C-Spec
FCS
FC
0V = 3.5 VDC
0H = 5.5 VDC
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
Z = -20/+80% F = Lead-free
TB =
Embossed
R = Positive
electrode
forward
24 = 24 mm
32 = 32 mm
44 = 44 mm
-SS = 3 digit serial
number marked
on top
Blank = No serial
number marking


Số phần tương tự - FC0V104ZFTBR32-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FC0V104ZFTBR32-SS KEMET-FC0V104ZFTBR32-SS Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Mô tả tương tự - FC0V104ZFTBR32-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS_17 Datasheet
785Kb / 16P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com