công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADD8504WRUZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADD8504WRUZ
Giải thích chi tiết về linh kiện  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADD8504WRUZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADD8504WRUZ Datasheet HTML 1Page - Analog Devices ADD8504WRUZ Datasheet HTML 2Page - Analog Devices ADD8504WRUZ Datasheet HTML 3Page - Analog Devices ADD8504WRUZ Datasheet HTML 4Page - Analog Devices ADD8504WRUZ Datasheet HTML 5Page - Analog Devices ADD8504WRUZ Datasheet HTML 6Page - Analog Devices ADD8504WRUZ Datasheet HTML 7Page - Analog Devices ADD8504WRUZ Datasheet HTML 8Page - Analog Devices ADD8504WRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-, 5-, 6-Channel, Muxed Input Line
Inversion LCD Gamma Buffers
ADD8504/ADD8505/ADD8506
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 3.3 V to 6.5 V
Rail-to-rail input, rail-to-rail output
High output current: 380 mA
Low supply current: 3.9 mA
Stable with 1 nF loads
Wide temperature range: −40°C to +105°C
16-, 20-, and 24-lead, Pb-free, TSSOP packages
Qualified for automotive applications
APPLICATIONS
LCD line inversion gamma references
Car navigation panels
Personal media player panels
Automotive infotainment systems
GENERAL DESCRIPTION
The ADD8504, ADD8505, and ADD8506 are 4-, 5-, and
6-channel LCD gamma reference buffers designed to drive
column driver gamma inputs in line inversion panels. Each
buffer channel has an A/B input to select between two gamma
voltage curves. These buffer channels drive the resistor ladders
of LCD column drivers for gamma correction. The ADD8504/
ADD8505/ADD8506 outputs have high slew rates and output
drives that increase the stability of the reference ladder resulting
in optimal gray scale and visual performance.
The ADD8504/ADD8505/ADD8506 are specified over the
−40°C to +105°C temperature range. They are available, respec-
tively, in 16-, 20-, and 24-lead thin shrink small outline (TSSOP),
surface-mount, Pb-free packages. The ADD8506 is also offered
in a leaded TSSOP.
The ADD8506WWARUZR7 is the automotive grade version.
PIN CONFIGURATION DIAGRAMS
INA1 1
OUT1
16
INB1 2
OUT2
15
INA2 3
VCC1
14
INB2 4
A/B
13
INA3 5
GND
12
INB3 6
GND
11
INA4 7
OUT3
10
INB4 8
OUT4
9
Figure 1. ADD8504, 4-Channel Buffer
INA1 1
VCC1
20
INB1 2
OUT1
19
INA2 3
OUT2
18
INB2 4
OUT3
17
INA3 5
VCC2
16
INB3 6
A/B
15
INA4 7
GND
14
INB4 8
GND
13
INA5 9
OUT4
12
INB5 10
OUT5
11
Figure 2. ADD8505, 5-Channel Buffer
INA1 1
VCC1
24
INB1 2
OUT1
23
INA2 3
OUT2
22
INB2 4
OUT3
21
INA3 5
VCC2
20
INB3 6
A/B
19
INA4 7
GND
18
INB4 8
GND
17
INA5 9
OUT4
16
INB5 10
OUT5
15
INA6 11
OUT6
14
INB6 12
VCC3
13
Figure 3. ADD8506, 6-Channel Buffer


Số phần tương tự - ADD8504WRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8504WRUZ AD-ADD8504WRUZ Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8504WRUZ-REEL AD-ADD8504WRUZ-REEL Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8504WRUZ-REEL7 AD-ADD8504WRUZ-REEL7 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
More results

Mô tả tương tự - ADD8504WRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADD8504 AD-ADD8504 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12