công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4--21028--4 bảng dữ liệu(PDF) 1 Page - Tyco Electronics |
|
4--21028--4 bảng dữ liệu(HTML) 1 Page - Tyco Electronics |
1 / 4 page Instruction Sheet Pneumatic CERTI- CRIMP* Tool Holder Assemblies 356302- 1, 356303- 1, and 1673611- 1 408--4303 LOC B 1 of 4 E 2010 Tyco Electronics Corporation, Berwyn, PA All Rights Reserved TE logo and Tyco Electronics are trademarks. *Trademark. Other product names, logos, or company names might be trademarks of their respective owners. TOOLING ASSISTANCE CENTER 1--800--722--1111 PRODUCT INFORMATION 1--800--522--6752 This controlled document is subject to change. For latest revision and Regional Customer Service, visit our website at www.tycoelectronics.com 11 MAR 10 Rev F (For Use w/ Pneumatic Tooling Assemblies) Figure 1 Tool Holder Body Ratchet Pawl Adjustable Eccentric Cam Pivot Pin Securing Screw (3 Places) Tool Holder 356303--1 1. INTRODUCTION Pneumatic CERTI--CRIMP Tool Holder Assemblies 356302--1 and 356303--1 are used with Pneumatic Tooling Assemblies 189721--1 or 189722--1. Pneumatic CERTI--CRIMP Tool Holder Assembly 1673611--1 is used with Pneumatic Tooling Assembly 1490567--1. The tool holders are designed to accept interchangeable crimping heads for crimping various types of connectors. For information concerning setup and operation of the pneumatic tools, refer to Customer Manual 409--5862. Read these instructions thoroughly before using the tool holder. Measurements are in metric units [with U.S. customary units in brackets]. Figures and illustrations are for reference only and are not drawn to scale. Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY. 2. DESCRIPTION (Figure 1) The tool holder assembly consists of the tool holder body, cam, adjustable eccentric, pivot pin, and ratchet pawl with emergency release. The ratchet ensures that the tool completes the crimp cycle. 3. INSTALLATION Previously installed cams and tool holders must be removed before installing different ones. Air pressure must be removed from the tool while head or tool holder is detached. If the piston is not extended, it must first be extended to allow installation of the cam. To extend the piston, firmly grasp the piston with piston pliers and pull away from the body of the tool. Piston pliers are provided with the power unit. A strip of adhesive--backed safety labels, printed in various languages, is packaged with the tool holder assembly. Remove the appropriate language label from the strip and attach it to the tool holder or safety sleeve. The safety sleeve is supplied with the small and large tool holder assemblies. For these assemblies, attach the safety labels to the safety sleeve. Be sure to select the correct assembly of tool holder and cam. If incorrect assembly is used, system will not operate properly. 1. If cam setscrew is not installed in cam, thread setscrew into cam two to three turns. 2. Place cam (with setscrew) onto piston rod. The cam should butt against the piston rod face. If not, turn cam setscrew counterclockwise until cam fits on piston rod properly. Overtightening the cam setscrew may damage the setscrew or cam. 3. Tighten cam setscrew, then pull on cam to ensure that it is firmly attached. 4. Properly align tool holder ratchet pawl with the cam teeth (shown in Figure 2) and push tool holder onto power unit so that it passes over the friction ring on the power unit piston. 5. Slide tool holder locking ring toward tool holder until it butts against the stop ring on the power unit piston. Then turn ring clockwise to engage threads NOTE i NOTE i DANGER DANGER CAUTION ! CAUTION ! |
Số phần tương tự - 4--21028--4 |
|
Mô tả tương tự - 4--21028--4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |