công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RP75H-11015SRW bảng dữ liệu(PDF) 1 Page - Recom International Power

tên linh kiện RP75H-11015SRW
Giải thích chi tiết về linh kiện  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RP75H-11015SRW bảng dữ liệu(HTML) 1 Page - Recom International Power

  RP75H-11015SRW Datasheet HTML 1Page - Recom International Power RP75H-11015SRW Datasheet HTML 2Page - Recom International Power RP75H-11015SRW Datasheet HTML 3Page - Recom International Power RP75H-11015SRW Datasheet HTML 4Page - Recom International Power RP75H-11015SRW Datasheet HTML 5Page - Recom International Power RP75H-11015SRW Datasheet HTML 6Page - Recom International Power RP75H-11015SRW Datasheet HTML 7Page - Recom International Power RP75H-11015SRW Datasheet HTML 8Page - Recom International Power RP75H-11015SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DC/DC Converter
PB-1
REV.: 1/2016
www.recom-power.com
75 Watt
Half Brick
Single Output
3 YEAR
warranty
3
Description
Features
Regulated
Converters
• 4:1 Wide Input Range
• 3kVAC Reinforced Insulation for 110Vin
2.25kVDC Basic Insulation for 24Vin & 48Vin
• Efficiency up to 91%
• No Minimum Load Required
• UL60950-1, EN50155 & IEC/EN60950-1 Certified
RP75H-RW
EN50155 Certified
IEC/EN60950-1 Certified
UL60950-1 Certified
Notes:
Note1:
Efficiency is tested by nominal Vin, full load and at 25°C.
Selection Guide
Part Number
Input
Output Output
Input(1)
Output Efficiency(1) Max. Capacitive
Voltage Range Voltage Current Current
Power
typ.
Load
[VDC]
[VDC]
[mA]
[mA]
[W]
[%]
[µF]
RP75H-2405SRW
9-36
5
15000
3551
75
88
30000
RP75H-2412SRW
9-36
12
6300
3579
75
88
5250
RP75H-2415SRW
9-36
15
5000
3551
75
88
3330
RP75H-2424SRW
9-36
24
3200
3678
75
87
1330
RP75H-2448SRW
9-36
48
1600
3678
77
87
330
RP75H-4805SRW
18-75
5
15000
1736
75
90
30000
RP75H-4812SRW
18-75
12
6300
1750
75
90
5250
RP75H-4815SRW
18-75
15
5000
1755
75
89
3330
RP75H-4824SRW
18-75
24
3200
1818
75
88
1330
RP75H-4848SRW
18-75
48
1600
1839
77
87
330
RP75H-11005SRW
43-160
5
15000
749
75
91
30000
RP75H-11012SRW
43-160
12
6300
755
75
91
5250
RP75H-11015SRW
43-160
15
5000
749
75
91
3330
RP75H-11024SRW
43-160
24
3200
775
75
90
1330
RP75H-11048SRW
43-160
48
1600
775
77
90
330
Ordering Examples
RP75H-2405SRW/N = 24V Input, 5V Output, Single, Neg. CTRL function
RP75H-11012SRW/P = 110V Input, 12V Output, Single, Pos. CTRL function
RP75H-11012SRW/P-HC = 110V Input, 12V Output, Single, Pos. CTRL function, with premounted Heat-sink
Model Numbering
Input Voltage
Output Voltage
Single
RP75H-__ __SRW/_ _
CTRL Logic(2)
Package(3)
Notes:
Note2: standard part is with suffix “P” for positive logic (1=ON, 0=OFF)
or add suffix “N” instead for negative logic (0=ON, 1=OFF)
Note3: add suffix “-HC” for premounted Heat-sink
(compatible with all other suffixes)
E196683
The half-brick RP75H series DC/DC converters are designed for railway rolling stock and high voltage battery
applications. Each series has three 4:1 input voltage range options to cover all input voltages from 9VDC up
to 160VDC with isolated and regulated 5V to 48VDC outputs. The converters have high efficiencies and metal
baseplates to permit a wide operating temperature range from -40°C to +85°C (when mounted on a suitable
heatsink). The case is fitted with threaded inserts to allow secure mounting to the PCB or bulkhead for use in
high shock and vibration environments. The converters are EN50155, UL60950 and IEC/EN60950 certified.
The RP75H-RW series have a three year warranty.


Số phần tương tự - RP75H-11015SRW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIN RECOM-RP75-48051.8DIN Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIP RECOM-RP75-48051.8DIP Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-4805S RECOM-RP75-4805S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
More results

Mô tả tương tự - RP75H-11015SRW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com