công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RP75H-4805SRW bảng dữ liệu(PDF) 1 Page - Recom International Power |
|
RP75H-4805SRW bảng dữ liệu(HTML) 1 Page - Recom International Power |
1 / 15 page DC/DC Converter PB-1 REV.: 1/2016 www.recom-power.com 75 Watt Half Brick Single Output 3 YEAR warranty 3 Description Features Regulated Converters • 4:1 Wide Input Range • 3kVAC Reinforced Insulation for 110Vin 2.25kVDC Basic Insulation for 24Vin & 48Vin • Efficiency up to 91% • No Minimum Load Required • UL60950-1, EN50155 & IEC/EN60950-1 Certified RP75H-RW EN50155 Certified IEC/EN60950-1 Certified UL60950-1 Certified Notes: Note1: Efficiency is tested by nominal Vin, full load and at 25°C. Selection Guide Part Number Input Output Output Input(1) Output Efficiency(1) Max. Capacitive Voltage Range Voltage Current Current Power typ. Load [VDC] [VDC] [mA] [mA] [W] [%] [µF] RP75H-2405SRW 9-36 5 15000 3551 75 88 30000 RP75H-2412SRW 9-36 12 6300 3579 75 88 5250 RP75H-2415SRW 9-36 15 5000 3551 75 88 3330 RP75H-2424SRW 9-36 24 3200 3678 75 87 1330 RP75H-2448SRW 9-36 48 1600 3678 77 87 330 RP75H-4805SRW 18-75 5 15000 1736 75 90 30000 RP75H-4812SRW 18-75 12 6300 1750 75 90 5250 RP75H-4815SRW 18-75 15 5000 1755 75 89 3330 RP75H-4824SRW 18-75 24 3200 1818 75 88 1330 RP75H-4848SRW 18-75 48 1600 1839 77 87 330 RP75H-11005SRW 43-160 5 15000 749 75 91 30000 RP75H-11012SRW 43-160 12 6300 755 75 91 5250 RP75H-11015SRW 43-160 15 5000 749 75 91 3330 RP75H-11024SRW 43-160 24 3200 775 75 90 1330 RP75H-11048SRW 43-160 48 1600 775 77 90 330 Ordering Examples RP75H-2405SRW/N = 24V Input, 5V Output, Single, Neg. CTRL function RP75H-11012SRW/P = 110V Input, 12V Output, Single, Pos. CTRL function RP75H-11012SRW/P-HC = 110V Input, 12V Output, Single, Pos. CTRL function, with premounted Heat-sink Model Numbering Input Voltage Output Voltage Single RP75H-__ __SRW/_ _ CTRL Logic(2) Package(3) Notes: Note2: standard part is with suffix “P” for positive logic (1=ON, 0=OFF) or add suffix “N” instead for negative logic (0=ON, 1=OFF) Note3: add suffix “-HC” for premounted Heat-sink (compatible with all other suffixes) E196683 The half-brick RP75H series DC/DC converters are designed for railway rolling stock and high voltage battery applications. Each series has three 4:1 input voltage range options to cover all input voltages from 9VDC up to 160VDC with isolated and regulated 5V to 48VDC outputs. The converters have high efficiencies and metal baseplates to permit a wide operating temperature range from -40°C to +85°C (when mounted on a suitable heatsink). The case is fitted with threaded inserts to allow secure mounting to the PCB or bulkhead for use in high shock and vibration environments. The converters are EN50155, UL60950 and IEC/EN60950 certified. The RP75H-RW series have a three year warranty. |
Số phần tương tự - RP75H-4805SRW |
|
Mô tả tương tự - RP75H-4805SRW |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |