công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RP75H-2415SRW bảng dữ liệu(PDF) 10 Page - Recom International Power

tên linh kiện RP75H-2415SRW
Giải thích chi tiết về linh kiện  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RP75H-2415SRW bảng dữ liệu(HTML) 10 Page - Recom International Power

Back Button RP75H-2415SRW Datasheet HTML 6Page - Recom International Power RP75H-2415SRW Datasheet HTML 7Page - Recom International Power RP75H-2415SRW Datasheet HTML 8Page - Recom International Power RP75H-2415SRW Datasheet HTML 9Page - Recom International Power RP75H-2415SRW Datasheet HTML 10Page - Recom International Power RP75H-2415SRW Datasheet HTML 11Page - Recom International Power RP75H-2415SRW Datasheet HTML 12Page - Recom International Power RP75H-2415SRW Datasheet HTML 13Page - Recom International Power RP75H-2415SRW Datasheet HTML 14Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PB-10
REV.: 1/2016
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP75H-RW
Series
www.recom-power.com
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E196683
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07,
2nd Edition, 2014
IEC/EN Information Technology Equipment - General Requirments for
Safety
TW1608034-001, TW1608035-001
IEC60950-1, 2nd Edition, 2005
EN60950-1, 2nd Edition, 2006
Railway Applications - Electrical Equipment used on rolling stock
16A081501E-C
EN50155, 2007
EMI Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics -
Limits and methods of measurement
110Vin
with external components
EN55022, Class A and Class B
Industrial, scientific and medical equipment - Radio frequency distur-
bance characteristics - Limits and methods of measurement
EN55011, Class A and Class B
Low-voltage power supplies DC output - Part 3: Electromagnetic
compatibility (EMC)
24Vin, 48Vin
with external components
EN61204-3, Class B
ESD Electrostatic discharge immunity test
Radiated, radio-frequency, electromagnetic field immunity test
Fast Transient and Burst Immunity(6)
Surge Immunity(6)
Immunity to conducted disturbances, induced by radio-frequency fields
Air ±8kV and Contact ±6kV
20V/m (110Vin), 10V/m (24Vin,48Vin)
±2kV
EN55024 & EN50155 ±2kV (±1kV, 24Vin, 48Vin)
10 Vr.m.s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
continued on next page
Notes:
Note6: An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5.
The
24Vin and 48Vin version recommend 2pcs of aluminium elecrolytic capacitor to connect in parallel.
Recom suggest: 220µF/100V.
The
110Vin version recommend 2pcs of aluminium electrolytic capacitor to connect in parallel.
Recom suggest: 150µF/200V
Fuse
C1
C2
+VIN
-VIN
C7
Shield Plane
RP75H-24/48xxSRW Class A
RP75H-24/48xxSRW Class B
C6
Case
L1
C3
C4
C5
C9
C8
C11
C10
Fuse
C1
C2
+VIN
-VIN
C13
Shield Plane
RP75H-100xxSRW Class A
C14
Case
L1
C8
C9
C3
C10
C12
C11
C5
C4
C6
C7
C16
C15
Fuse
C1
C2
+VIN
-VIN
C9
Shield Plane
C8
Case
L2
C5
C6
C3
C4
C7
C11
C10
C15 C14
C13
C12
L1
RP75H-100xxSRW Class B
Fuse
C1
C2
+VIN
-VIN
C16
Shield Plane
C15
Case
L2
C10
C11
C3
C4
C7
C6
C12
C14
C13
C9
C5
C8
C18
C17
L1
EMI Filtering according to EN61204-3 Class A and EN50121-1 (24Vin and 48Vin)
MODEL
C1, C3
C2, C4, C5
C6 to C11
L1
RP75H-24xxSRW
100µF, 50V
Al Cap. Chemi-con KY Series
4.7µF, 50V
1812 MLCC
1000pF, 3kV
1808 MLCC
156µH
CMC
RP75H-48xxSRW
100µF, 100V
Al Cap. Chemi-con KY Series
2.2µF, 100V
1812 MLCC
1000pF, 3kV
1808 MLCC
620µH
CMC


Số phần tương tự - RP75H-2415SRW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIN RECOM-RP75-48051.8DIN Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIP RECOM-RP75-48051.8DIP Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-4805S RECOM-RP75-4805S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
More results

Mô tả tương tự - RP75H-2415SRW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com