công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744761136C bảng dữ liệu(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744761136C
Giải thích chi tiết về linh kiện  WE-KI SMD Wire Wound Ceramic Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744761136C bảng dữ liệu(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744761136C Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-KI of Würth
Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JoMa
DIN ISO 2768-1m
DESCRIPTION
WE-KI SMD Wire Wound Ceramic
Inductor
ORDER CODE
744761136C
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
0603C
005.000
Valid
2017-02-13
eiSos
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 744761136C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744761136A WURTH-744761136A Datasheet
487Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
744761136GA WURTH-744761136GA Datasheet
486Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
More results

Mô tả tương tự - 744761136C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
744761039C ETC2-744761039C Datasheet
947Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
logo
Wurth Elektronik GmbH &...
7447604C WURTH-7447604C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761016C WURTH-744761016C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761111C WURTH-744761111C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765043A WURTH-744765043A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765062A WURTH-744765062A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765087A WURTH-744765087A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765130A WURTH-744765130A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744760222C WURTH-744760222C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744762068A WURTH-744762068A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761124C WURTH-744761124C Datasheet
278Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com