công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B-07-J-B bảng dữ liệu(PDF) 3 Page - Amphenol Corporation

tên linh kiện B-07-J-B
Giải thích chi tiết về linh kiện  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-07-J-B bảng dữ liệu(HTML) 3 Page - Amphenol Corporation

  B-07-J-B Datasheet HTML 1Page - Amphenol Corporation B-07-J-B Datasheet HTML 2Page - Amphenol Corporation B-07-J-B Datasheet HTML 3Page - Amphenol Corporation B-07-J-B Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Type B Series Specifications
Thermal Time Constant
B05
• Still air at 77°F (25°C): 0.12 second
• Plunge into water: 5.0 msec
B07
• Still air at 77°F (25°C): 0.23 second
• Plunge into water: 7.0 msec
B10
• Still air at 77°F (25°C): 0.5 second
• Plunge into water: 10 msec
B14
• Still air at 77°F (25°C): 1 second
• Plunge into water: 15 msec
Dissipation Constant
B05
• Still air at 77°F (25°C): 0.045 mW/°C
• Still water at 77°F (25°C): 0.23 mW/°C
B07
• Still air at 77°F (25°C): 0.06 mW/°C
• Still water at 77°F (25°C): 0.3 mW/°C
B10
• Still air at 77°F (25°C): 0.09 mW/°C
• Plunge into water: 0.45 mW/°C
B14
• Still air at 77°F (25°C): 0.10 mW/°C
• Plunge into water: 0.50 mW/°C
Power Rating (In Air)
B05
• Maximum Power Rating: 0.006 W
• 100% Maximum Power To: 77°F (25°C)
• Derated to 0% at: 392°F (200°C)
B07
• Maximum Power Rating: 0.008 W
• 100% Maximum Power To: 77°F (25°C)
• Derated to 0% at: 392°F (200°C
B10
• Maximum Power Rating: 0.010 W
• 100% Maximum Power To: 77°F (25°C)
• Derated to 0% at: 392°F (200°C)
B14
• Maximum Power Rating: 0.014 W
• 100% Maximum Power To: 77°F (25°C)
• Derated to 0% at: 392°F (200°C)
Options
• Non-standard resistance tolerances
• Non-standard resistance values
• Reference temperature(s) other than 77°F (25°C)-
specify
• Mounting in special housings or enclosures
• Longer continuous leads
• Welded or soldered extension leads-specify lead
material, diameter, length, and insulation, if any
• Solderable or weldable/solderable leads
• Calibration-specify temperature(s)
• Interchangeable pairs or sets, R-vs-T curve matching-
specify temperature range(s) and tolerance(s)
• Special aging and conditioning for high reliability
applications
Type B35/43
Thermal and Electrical Properties
The following lists the thermal and electrical properties for
all large glass coated thermistors. All definitions and test
methods per MIL-PRF-23648.
Body Dimensions
B35
• Nominal diameter: 0.035 in (0.893 mm)
• Maximum diameter: 0.043 in (1.1 mm)
• Maximum length: 0.075 in (1.9 mm)
B43
• Nominal diameter: 0.043 in (1.1 mm)
• Maximum diameter: 0.050 in (1.32 mm)
• Maximum length: 0.100 in (2.5 mm)
Lead-Wires
B35
• Nominal diameter: 0.004 in (0.10 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “J” adjacent (stubs), “K” adjacent or “P”
opposite
B43
• Nominal diameter: 0.004 in (0.102 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “J” adjacent (stubs), “K” adjacent or “P”
opposite


Số phần tương tự - B-07-J-B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
B-008-11 MACOM-B-008-11 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-13 MACOM-B-008-13 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-14 MACOM-B-008-14 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-15 MACOM-B-008-15 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-51 MACOM-B-008-51 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Mô tả tương tự - B-07-J-B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
BR11 AMPHENOL-BR11 Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
logo
Innovative Sensor Techn...
P10K.520.6W.B.010.D IST-P10K.520.6W.B.010.D Datasheet
382Kb / 2P
   Platinum sensor with wires on thin substrate For high temperatures
logo
Vishay Siliconix
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
2773005112 FAIR-RITE-2773005112 Datasheet
552Kb / 5P
   73 BEAD ON LEAD
2761008112 FAIR-RITE-2761008112 Datasheet
618Kb / 5P
   61 BEAD ON LEAD
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com