công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B-07-J-A bảng dữ liệu(PDF) 2 Page - Amphenol Corporation

tên linh kiện B-07-J-A
Giải thích chi tiết về linh kiện  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-07-J-A bảng dữ liệu(HTML) 2 Page - Amphenol Corporation

  B-07-J-A Datasheet HTML 1Page - Amphenol Corporation B-07-J-A Datasheet HTML 2Page - Amphenol Corporation B-07-J-A Datasheet HTML 3Page - Amphenol Corporation B-07-J-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Type B Series Specifications
Type B05/07/10/14 and Type B35/43 dimensions
Type B05/07/10/14
Thermal and Electrical Properties
The following lists the thermal and electrical
properties for all small glass coated thermis-
tors. All definitions and test methods per MIL-
PRF-23648.
Body Dimensions
B05
• Nominal diameter: 0.005 in (0.13 mm)
• Maximum diameter: 0.0065 in (0.17 mm)
• Maximum length: 0.012 in (0.30 mm)
B07
• Nominal diameter: 0.007 in (0.18 mm)
• Maximum diameter: 0.00850 in (0.22 mm)
• Maximum length: 0.014 in (0.36 mm)
B10
• Nominal diameter: 0.010 in (0.25 mm)
• Maximum diameter: 0.0115 in (0.29 mm)
• Maximum length: 0.020 in (0.510 mm)
B14
• Nominal diameter: 0.014 in (0.36 mm)
• Maximum diameter: 0.016 in (0.417 mm)
• Maximum length: 0.030 in (0.76 mm)
Lead-Wires
B05
• Nominal diameter: 0.0007 in (0.02 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “J” adjacent (stubs), “K”
adjacent or “P” opposite
B07
• Nominal diameter: 0.0007 in (0.02 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “J” adjacent (stubs), “K”
adjacent or “P” opposite
B10
• Nominal diameter: 0.0011 in (0.03 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “J” adjacent (stubs), “K”
adjacent or “P” opposite
B14
• Nominal diameter: 0.0011 in (0.03 mm)
• Maximum lead length: 0.312 in (7.9 mm)
• Lead material: platinum alloy
• Available cuts: “J” adjacent (stubs), “K” adjacent or “P” opposite
Code
Letter
R vs T
Curve
25/125
Ratio
Nominal Resistance Range at 77°F (25°C)
B05
B07
B10
B14
E
0
5.0
_
_
_
_
A
1
11.8
1 to 1.5 k
Ω
1 to 1.5 k
Ω
300 to 680
Ω
300 to 680
Ω
A
2
12.5
1.5 to 3.6 k
Ω
1.5 to 3.6 k
Ω
680 to 1.6 k
Ω
680 to 1.6 k
Ω
A
3
14
3.6 to 7.5 k
Ω
3.6 to 7.5 k
Ω
1.6 to 3.6 k
Ω
1.6 to 3.6 k
Ω
A
4
16.9
7.5 to 15 k
Ω
7.5 to 15 k
Ω
3.6 to 6.8 k
Ω
3.6 to 6.8 k
Ω
A
5
19.8
15 to 3.6 k
Ω
15 to 51 k
Ω
6.8 to 27 k
Ω
6.8 to 27 k
Ω
A
6
22.1
_
_
_
_
A
7
22.7
51 to 150 k
Ω
51 to 150 k
Ω
27 to 75 k
Ω
27 to 75 k
Ω
B
8
29.4
150 to 270 k
Ω
150 to 270 k
Ω
75 to 130 k
Ω
75 to 130 k
Ω
B
9
30.8
270 to 470 k
Ω
270 to 470 k
Ω
130 to 240 k
Ω
130 to 240 k
Ω
B
10
32.3
470 to 750 k
Ω
470 to 750 k
Ω
240 to 360 k
Ω
240 to 360 k
Ω
B
11
35.7
750 to 1.6 M
Ω
750 to 1.6 M
Ω
360 to 820 k
Ω
360 to 820 k
Ω
B
12
38.1
1.6 to 2.7 M
Ω
1.6 to 2.7 M
Ω
820 to 1.3 M
Ω
820 to 1.3 M
Ω
B
13
45
2.7 to 6.8 M
Ω
2.7 to 6.8 M
Ω
1.3 to 3.36 M
Ω
1.3 to 3.36 M
Ω
B
14
48.1
6.8 to 10 M
Ω
6.8 to 10 M
Ω
3.3 to 6.86 M
Ω
3.3 to 6.86 M
Ω
B
15
56.5
_
_
6.8 to 10 M
Ω
6.8 to 10 M
Ω
D
16
75.6
_
_
_
_
D
17
81
_
_
_
_
Material System (Table A)


Số phần tương tự - B-07-J-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
B-008-11 MACOM-B-008-11 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-13 MACOM-B-008-13 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-14 MACOM-B-008-14 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-15 MACOM-B-008-15 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-51 MACOM-B-008-51 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Mô tả tương tự - B-07-J-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
BR11 AMPHENOL-BR11 Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
logo
Innovative Sensor Techn...
P10K.520.6W.B.010.D IST-P10K.520.6W.B.010.D Datasheet
382Kb / 2P
   Platinum sensor with wires on thin substrate For high temperatures
logo
Vishay Siliconix
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
2773005112 FAIR-RITE-2773005112 Datasheet
552Kb / 5P
   73 BEAD ON LEAD
2761008112 FAIR-RITE-2761008112 Datasheet
618Kb / 5P
   61 BEAD ON LEAD
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com