công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1288V14-2.7A bảng dữ liệu(PDF) 10 Page - Xicor Inc.

tên linh kiện X1288V14-2.7A
Giải thích chi tiết về linh kiện  2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XICOR [Xicor Inc.]
Trang chủ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1288V14-2.7A bảng dữ liệu(HTML) 10 Page - Xicor Inc.

Back Button X1288V14-2.7A Datasheet HTML 6Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 7Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 8Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 9Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 10Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 11Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 12Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 13Page - Xicor Inc. X1288V14-2.7A Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Preliminary Information
X1288
10 of 31
REV 1.1.30 3/24/04
www.xicor.com
DESCRIPTION
The X1288 device is a Real Time Clock with clock/
calendar, two polled alarms with integrated 32kx8
EEPROM, oscillator compensation, CPU Supervisor
(POR/LVS and WDT) and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving
board area and component cost.
The Real-Time Clock keeps track of time with separate
registers for Hours, Minutes, Seconds and 1/100 of a
second. The Calendar has separate registers for Date,
Month, Year and Day-of-week. The calendar is correct
through 2099, with automatic leap year correction.
The powerful Dual Alarms can be set to any Clock/
Calendar value for a match. For instance, every
minute, every Tuesday, or 5:23 AM on March 21. The
alarms can be polled in the Status Register or provide
a hardware interrupt (IRQ Pin).
There is a repeat
mode for the alarms allowing a periodic interrupt.
The PHZ/IRQ pin may be software selected to provide
a frequency output of 1 Hz, 100 Hz, or 32,768 Hz.
The X1288 device integrates CPU Supervisor func-
tions and a Battery Switch. There is a Power-On Reset
(RESET output) with typically 250 ms delay from power
on. It will also assert RESET when Vcc goes below the
specified threshold. The Vtrip threshold is user repro-
grammable. There is a WatchDog Timer (WDT) with 3
selectable time-out periods (0.25s, 0.75s, 1.75s) and a
disabled setting. The watchdog activates the RESET
pin when it expires.
The device offers a backup power input pin. This
VBACK pin allows the device to be backed up by battery
or SuperCap. The entire X1288 device is fully
operational from 2.7 to 5.5 volts and the clock/calendar
portion of the X1288 device remains fully operational
down to 1.8 volts (Standby Mode).
The X1288 device provides 256K bits of EEPROM with 8
modes of BlockLock™ control. The BlockLock allows a
safe, secure memory for critical user and configuration
data, while allowing a large user storage area.
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device. The input buffer on this pin is always active
(not gated).
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It has an open drain output and may
be wire ORed with other open drain or open collector
outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up
resistor. The output circuitry controls the fall time of the
output signal with the use of a slope controlled pull-
down. The circuit is designed for 400kHz 2-wire inter-
face speed.
VBACK
This input provides a backup supply voltage to the
device. VBACK supplies power to the device in the
event the VCC supply fails. This pin can be connected
to a battery, a Supercap or tied to ground if not used.
RESET Output – RESET
This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or
that the voltage has dropped below a fixed VTRIP thresh-
old. It is an open drain active LOW output. Recom-
mended value for the pullup resistor is 5K Ohms. If
unused, tie to ground.
Programmable Frequency/Interrupt Output – PHZ/IRQ
This is either an output from the internal oscillator or an
interrupt signal output. It is a CMOS output.
X1288
X1
X2
VBACK
VCC
NC
PHZ/IRQ
NC
VSS
1
2
3
4
13
14
12
11
14-pin TSSOP
NC
NC
SCL
NC
RESET
SDA
5
6
7
9
10
8
16-pin SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X1
X2
NC
VSS
NC
NC
RESET
NC
VBACK
VCC
PHZ/IRQ
NC
SCL
NC
SDA
NC
NC = No internal connection


Số phần tương tự - X1288V14-2.7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1288V14-2.7A INTERSIL-X1288V14-2.7A Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288V14-2.7A RENESAS-X1288V14-2.7A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Mô tả tương tự - X1288V14-2.7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com