công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1288S16I-4.5A bảng dữ liệu(PDF) 1 Page - Xicor Inc.

tên linh kiện X1288S16I-4.5A
Giải thích chi tiết về linh kiện  2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XICOR [Xicor Inc.]
Trang chủ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1288S16I-4.5A bảng dữ liệu(HTML) 1 Page - Xicor Inc.

  X1288S16I-4.5A Datasheet HTML 1Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 2Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 3Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 4Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 5Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 6Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 7Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 8Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
REV 1.1.30 3/24/04
1 of 31
www.xicor.com
Preliminary Information
2-WireRTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288
FEATURES
• Real Time Clock/Calendar
—Tracks time in Hours, Minutes, Seconds and Hun-
dredths of a Second
—Day of the Week, Day, Month, and Year
•2 Polled Alarms (Non-volatile)
— Settable on the Second, Minute, Hour, Day of the
Week, Day, or Month
— Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
— Internal feedback resistor and compensation
capacitors
— 64 position Digitally Controlled Trim Capacitor
—6 digital-frequency adjustment setting to ±30ppm
• CPU Supervisor Functions
—Power On Reset, Low Voltage Sense
—Watchdog Timer (SW Selectable: 0.25s, 0.75s,
1.75s, off)
• Battery Switch or Super Cap Input
• 32K x 8 Bits of EEPROM
— 128-Byte Page Write Mode
—8 modes of Block Lock™ Protection
— Single Byte Write Capability
• High Reliability
—Data Retention: 100 years
—Endurance: 100,000 cycles per byte
• 2-Wire™ Interface interoperable with I2C*
— 400kHz data transfer rate
• Frequency Output (SW Selectable: Off, 1Hz, 100Hz,
or 32.768kHz)
•Low Power CMOS
— 1.25µA Operating Current (Typical)
• Small Package Options
— 16-Lead SOIC and 14-Lead TSSOP
APPLICATIONS
• Utility Meters
•HVAC Equipment
•Audio / Video Components
• Set Top Box / Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
•Pagers / PDA
• POS Equipment
•Test Meters / Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial / Medical / Automotive
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
Control/
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
RESET
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
256K
EEPROM
ARRAY
Watchdog
Timer
Low Voltage
Reset
Registers
Status
(SRAM)
Select
PHZ/IRQ
VCC
VBACK
32.768kHz
(SRAM)
Battery
Circuitry
Switch
OSC
Compensation
*I2C is a Trademark of Philips.
New Features
Repetitive Alarms &
Temperature Compensation


Số phần tương tự - X1288S16I-4.5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1288S16I-4.5A INTERSIL-X1288S16I-4.5A Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288S16I-4.5A RENESAS-X1288S16I-4.5A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Mô tả tương tự - X1288S16I-4.5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com