công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R0.5S-D bảng dữ liệu(PDF) 8 Page - Recom International Power

tên linh kiện R0.5S-D
Giải thích chi tiết về linh kiện  Approved for Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5S-D bảng dữ liệu(HTML) 8 Page - Recom International Power

  R0.5S-D Datasheet HTML 1Page - Recom International Power R0.5S-D Datasheet HTML 2Page - Recom International Power R0.5S-D Datasheet HTML 3Page - Recom International Power R0.5S-D Datasheet HTML 4Page - Recom International Power R0.5S-D Datasheet HTML 5Page - Recom International Power R0.5S-D Datasheet HTML 6Page - Recom International Power R0.5S-D Datasheet HTML 7Page - Recom International Power R0.5S-D Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Style and Pinning (mm)
15.24
6.70
7.00
2.54x5
12 PINS Dual SMD Package
10.70
11.10
RECOM
R0.5D12-0505
1120
12
6
8
5
11.10
0.50
Footprint
2.54
1.20
1.80
12.00
3
11
7
12
10
Pin Connections
Pin #
Function Single
Function Dual
1
–Vin
–Vin
2
+Vin
+Vin
5
-Vout
Com.
6
NC
–Vout
8
+Vout
+Vout
3,7,10,11,12 NC
NC
NC= No Connection
Unit: mm
TOL.: ± 0.25 mm
ECONOLINE
DC/DC-Converter
R0.5S_D
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-23
www.recom-power.com


Số phần tương tự - R0.5S-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
R0.5S-0505 RECOM-R0.5S-0505 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-0512 RECOM-R0.5S-0512 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-0515 RECOM-R0.5S-0515 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-1205 RECOM-R0.5S-1205 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-1212 RECOM-R0.5S-1212 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
More results

Mô tả tương tự - R0.5S-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MKS Instruments.
430E MKS-430E Datasheet
134Kb / 2P
   NEMA 4 housing approved for explosion proof applications
logo
Recom International Pow...
RXXP2XX RECOM-RXXP2XX Datasheet
127Kb / 4P
   EN-60601 for Medical Applications
RXXPXX-R RECOM-RXXPXX-R Datasheet
120Kb / 3P
   EN-60601 for Medical Applications
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
   65W Medical 60601-1 3rd Edition approved
logo
Littelfuse
MG06200S-BN4MM LITTELFUSE-MG06200S-BN4MM Datasheet
1Mb / 5P
   Medical applications
MG12400D-BN2MM LITTELFUSE-MG12400D-BN2MM Datasheet
1Mb / 5P
   Medical applications
MG06150S-BN4MM LITTELFUSE-MG06150S-BN4MM Datasheet
1Mb / 5P
   Medical applications
logo
Abracon Corporation
ASTMHT ABRACON-ASTMHT Datasheet
5Mb / 14P
   High temperature applications for Industrial, medical
06.17.2016
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com