công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STC62WV1024DCP55 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
STC62WV1024DCP55 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 10 page STC62WV1024 Revision 2.1 Jan. 2004 7 STC STC62WV1024 NOTES: 1. WE must be high during address transitions. 2. The internal write time of the memory is defined by the overlap of CE1 and CE2 active and WE low. All signals must be active to initiate a write and any one signal can terminate a write by going inactive. The data input setup and hold timing should be referenced to the second transition edge of the signal that terminates the write. 3. TWR is measured from the earlier of CE1 or WE going high or CE2 going low at the end of write cycle. 4. During this period, DQ pins are in the output state so that the input signals of opposite phase to the outputs must not be applied. 5. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low transitions or after the WE transition, output remain in a high impedance state. 6. OE is continuously low (OE = VIL ). 7. DOUT is the same phase of write data of this write cycle. 8. DOUT is the read data of next address. 9. If CE1 is low and CE2 is high during this period, DQ pins are in the output state. Then the data input signals of opposite phase to the outputs must not be applied to them. 10. The parameter is guaranteed but not 100% tested. 11. TCW is measured from the later of CE1 going low or CE2 going high to the end of write. WRITE CYCLE2 (1,6) t WC t CW (11) (11) t CW (2) t WP t AW t WHZ (4,10) t AS t WR2 (3) t DH t DW D IN D OUT WE CE2 CE1 ADDRESS (5) (5) t OW (7) (8) (8,9) |
Số phần tương tự - STC62WV1024DCP55 |
|
Mô tả tương tự - STC62WV1024DCP55 |