công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C2550IQ48 bảng dữ liệu(PDF) 10 Page - Exar Corporation

tên linh kiện ST16C2550IQ48
Giải thích chi tiết về linh kiện  DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IQ48 bảng dữ liệu(HTML) 10 Page - Exar Corporation

Back Button ST16C2550IQ48 Datasheet HTML 6Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 7Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 8Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 9Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 10Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 11Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 12Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 13Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ST16C2550
10
Rev. 3.20
ing the removal of a data byte, the user should recheck
LSR bit-0 for additional characters. A Receive Time
Out will not occur if the receive FIFO is empty. The
time out counter is reset at the center of each stop bit
received or each time the receive holding register
(RHR) is read.. The actual time out value is T (Time
out length in bits) = 4 X P (Programmed word length)
+ 12. To convert the time out value to a character
value, the user has to consider the complete word
length, including data information length, start bit,
parity bit, and the size of stop bit, i.e., 1X, 1.5X, or 2X
bit times.
Example -A: If the user programs a word length of 7,
with no parity and one stop bit, the time out will be:
T = 4 X 7( programmed word length) +12 = 40 bit times.
The character time will be equal to 40 / 9 = 4.4
characters, or as shown in the fully worked out ex-
ample: T = [(programmed word length = 7) + (stop bit
= 1) + (start bit = 1) = 9]. 40 (bit times divided by 9) =
4.4 characters.
Example -B: If the user programs the word length = 7,
with parity and one stop bit, the time out will be:
T = 4 X 7(programmed word length) + 12 = 40 bit times.
Character time = 40 / 10 [ (programmed word length
= 7) + (parity = 1) + (stop bit = 1) + (start bit = 1) = 4
characters.
Programmable Baud Rate Generator
The 2550 supports high speed modem technologies
that have increased input data rates by employing
data compression schemes. For example a 33.6Kbps
modem that employs data compression may require a
115.2Kbps input data rate. A 128.0Kbps ISDN modem
that supports data compression may need an input
data rate of 460.8Kbps. The 2550 can support a
standard data rate of 921.6Kbps.
Single baud rate generator is provided for the trans-
mitter and receiver, allowing independent TX/RX
channel control. The programmable Baud Rate Gen-
erator is capable of accepting an input clock up to 24
MHz, as required for supporting a 1.5Mbps data rate.
The 2550 can be configured for internal or external
clock operation. For internal clock oscillator opera-
tion, an industry standard microprocessor crystal (par-
allel resonant/ 22-33 pF load) is connected externally
between the XTAL1 and XTAL2 pins, with an external
1 MΩ resistor across it. Alternatively, an external
clock can be connected to the XTAL1 pin to clock the
internal baud rate generator for standard or custom
rates. (see Baud Rate Generator Programming).
The generator divides the input 16X clock by any
divisor from 1 to 216 -1. The 2550 divides the basic
external clock by 16. The basic 16X clock provides
table rates to support standard and custom applica-
tions using the same system design. The rate table is
configured via the DLL and DLM internal register
functions. Customized Baud Rates can be achieved
by selecting the proper divisor values for the MSB and
LSB sections of baud rate generator.
Programming the Baud Rate Generator Registers
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example
in Table 4 below, shows the selectable baud rate table
available when using a 1.8432 MHz external clock
input.
Crystal oscillator connection
C1
22pF
C2
33pF
X1
1.8432 MHz
R1
50-120
R2
1M


Số phần tương tự - ST16C2550IQ48

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550IQ48-F EXAR-ST16C2550IQ48-F Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

Mô tả tương tự - ST16C2550IQ48

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com