công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADR444 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADR444
Giải thích chi tiết về linh kiện  Devices Connected
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADR444 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADR444 Datasheet HTML 1Page - Analog Devices ADR444 Datasheet HTML 2Page - Analog Devices ADR444 Datasheet HTML 3Page - Analog Devices ADR444 Datasheet HTML 4Page - Analog Devices ADR444 Datasheet HTML 5Page - Analog Devices ADR444 Datasheet HTML 6Page - Analog Devices ADR444 Datasheet HTML 7Page - Analog Devices ADR444 Datasheet HTML 8Page - Analog Devices ADR444 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CN-0269
Circuit Note
Rev. 0 | Page 4 of 12
For the ADG5208, RON is 160 Ω, and CD is 52 pF. The transition
delay of ADG5208 is 160 ns. So, the 90% settling time of the
ADG5208 is
(
)(
)
ns
21
pF
35
pF
52
160
100
10
ln
%)
90
(
=
+


=
300
||
SETTLE
t
From Equation 1,
tMD = tTRANSITION – tSETTLE(90%) = 160 ns – 21 ns = 139 ns
Therefore, under this circuit configuration with the ADG5208
and the ADG5236, the total extra time delay due to the digital
circuits is
tDD + tMD = 8 ns + 139 ns = 147 ns
Actually, this digital delay of 147 ns due to the digital control
circuit and part of the transition delay from multiplexer can be
compensated by delaying the rising edge of the convert signal
with respect to the multiplexer update signal by an amount of
time equal to tDD + tMD. However, both tDD and tMD are a function
of temperature, power supply voltage, and normal variations
from part to part. The time margin must be enough to account
for the variation and drift. For example, under this configuration
with 147 ns digital delay, switching the multiplexer 100 ns to
120 ns ahead of the ADC convert signal (tAHEAD) increases the
available settling time by the same amount.
The optimized timing is shown in Figure 4, but was not
implemented in the actual circuit in order to minimize
complexity.
Figure 4. Optimized Timing of Multichannel Data Acquisition Circuit
MUX CTRL
[0000]
[0001]
TO CH0
SETTLING TO CH1
CONVERSION
tCONV
tAHEAD
tACQ
ACQUISITION
tS
tMD
tDD
tSETTLE
CNV
STATUS
[CH3:CH0]
VOUT_SW


Số phần tương tự - ADR444

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR444 AD-ADR444 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR444 AD-ADR444 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444A AD-ADR444A Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR444A AD-ADR444A Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444ARMZ AD-ADR444ARMZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
More results

Mô tả tương tự - ADR444

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com