công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W02 bảng dữ liệu(PDF) 1 Page - Kingtronics International Company

tên linh kiện W02
Giải thích chi tiết về linh kiện  SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGTRONICS [Kingtronics International Company]
Trang chủ  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

W02 bảng dữ liệu(HTML) 1 Page - Kingtronics International Company

  W02 Datasheet HTML 1Page - Kingtronics International Company W02 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 1.5 Ampere
FEATURES
Rating to 1000VPRV.
Ideal for printed circuit board.
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded epoxy
technique results in inexpensive product.
The plastic material has UL flammability classification
94V-0.
MECHANICAL DATA
Case: Molded plastic.
Polarity: As marked on Body.
Weight: 0.05 ounces, 1.42grams.
Mounting position: Any.
MAXIMUM RATINGS AND ELECTRICAL
CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
W005
W01
W02
W04
W06
W08
W10
UNIT
Maximum Recurrent Peak Revere Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=25
I(AV)
1.5
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method)
IFSM
50
A
Maximum forward Voltage at 1.0A DC
VF
1.0
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
IR
50
500
uA
I
2t Rating for fusing (t < 8.3ms)
I
2t
10.4
A
2S
Typical Junction Capacitance per element (Note 1)
CJ
20
pF
Typical Thermal Resistance (Note 2)
RθJA
36
/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
1- Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2- Thermal Resistance Junction to Ambient.
W005 THRU W10
WOB
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099


Số phần tương tự - W02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Surge Components
W02 SURGE-W02 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W02 DAYA-W02 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
W02 CHENDA-W02 Datasheet
535Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
W02 SEMTECH-W02 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W02 CHENG-YI-W02 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Mô tả tương tự - W02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingtronics Internation...
BR25005W-BR2510W KINGTRONICS-BR25005W-BR2510W Datasheet
352Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
BR25005-BR2510 KINGTRONICS-BR25005-BR2510 Datasheet
451Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410_16 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510_16 Datasheet
371Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35.0 Ampere
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510_16 Datasheet
460Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
KBP2005-KBP210 KINGTRONICS-KBP2005-KBP210_16 Datasheet
317Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610_16 Datasheet
324Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
logo
WILLAS ELECTRONIC CORP
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Yea Shin Technology Co....
DB151S YEASHIN-DB151S Datasheet
375Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Rectron Semiconductor
RS201L RECTRON-RS201L Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com