công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E-1048-8I4-C0D4V1-4U3-3A bảng dữ liệu(PDF) 3 Page - ETAL Group |
|
E-1048-8I4-C0D4V1-4U3-3A bảng dữ liệu(HTML) 3 Page - ETAL Group |
3 / 6 page www.e-t-a.de Smart Power Relay E-1048-8I... 1646 3 5 Smart Power Relay E-1048-8I... Type E-1048-8I Smart Power Relay DC 12 V/24 V - 1 A...20 A in INLINE version Housing / temperature range 3 with housing / 70 °C (without moisture condensation) 4 with housing / -40 °C...+85 °C (70 °C at IN = 20 A) C with control input (+ control 8.5...32 V) LEDs 0 without LEDs 3 2 LEDs: AS yellow, SF red Status output minus-switching A without D with AS and SF Contents of group fault signal SF/ LED indication SF 0 without 1 short circuit / overload 3 short circuit / overload + wire breakage on 4 short circuit / overload + wire breakage off + wire breakage on Analogue output V0 without V1 0...5 V Characteristic curve 4 200 ms (switch-off delay with overload) Voltage rating U3 DC 12/24 V Current ratings / colour of label 1 A / black 2 A / grey 3 A / purple 5 A / light-brown 7.5 A / brown 10 A / red 15 A / blue 20 A / yellow Available configurations: part number (without options = “BASIC”) E-1048-8I 3 - C 0 A 0 V0 - 4 U3 - ... A part number (various options) E-1048-8I 4 - C 0 A 0 V0 - 4 U3 - ... A E-1048-8I 4 - C 3 A 1 V0 - 4 U3 - ... A E-1048-8I 4 - C 3 D 1 V0 - 4 U3 - ... A E-1048-8I 4 - C 3 D 1 V1 - 4 U3 - ... A E-1048-8I 4 - C 3 D 3 V0 - 4 U3 - ... A E-1048-8I 4 - C 3 D 4 V0 - 4 U3 - ... A part number (all options = “DELUXE”) E-1048-8I 4 - C 3 D 4 V1 - 4 U3 - ... A Ordering Information Connection diagram INLINE version (all options = “DELUXE”) Dimensions INLINE version (all options = “DELUXE”) Pin selection INLINE version yellow red control input analogue output 0 … 5 V * Optionally available: - signal outputs AS / SF - analogue output U(I) LOAD (+) GND LINE (+) DC 12 V/24 V IN+ AS SF AS * SF * U(I) * = max. 6,5 V 1…10 mA max. 5 mA max. 2 A max. 2 A group fault signal control signal E-1048-8I. 17-P10-Si LINE + (2) (2) [2(k)] GND (5) (5) [12] SF (7) (7) [24] U(I) (3) (3) [2(i)] AS (6) (6) [23] IN+ (4) (4) [11] LOAD (1) (1) [1] 50 1 4 63 75 2 LED red LED yellow 1.97 This is a metric design and millimeter dimensions take precedence ( mm ) inch Preferred types Standard current ratings (A) 1 2 3 5 7.5 10 15 20 E-1048-8I4-C3D1V1-4U3- x x x x x x x x E-1048-8I3-C3D1V0-4U3- x x x x x x x x E-1048-8I4-C3A1V0-4U3- x x x x x x x x Preferred types |
Số phần tương tự - E-1048-8I4-C0D4V1-4U3-3A |
|
Mô tả tương tự - E-1048-8I4-C0D4V1-4U3-3A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |