công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5--21028--7 bảng dữ liệu(PDF) 6 Page - TE Connectivity Ltd

tên linh kiện 5--21028--7
Giải thích chi tiết về linh kiện  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5--21028--7 bảng dữ liệu(HTML) 6 Page - TE Connectivity Ltd

  5--21028--7 Datasheet HTML 1Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 2Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 3Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 4Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 5Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 6Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
408- 10040
Rev E
6
of 7
D. CERTI- CRIMP Hand Crimping Tool Ratchet
Control Inspection
The CERTI--CRIMP hand crimping tool ratchet control
feature on TE hand tools should be checked to
ensure that the ratchet does not release prematurely,
allowing the dies to open before they have fully
bottomed. Obtain a 0.025 mm [.001 in.] shim that is
suitable for checking the clearance between the
bottoming surfaces of the crimping dies. Proceed as
follows:
1. Select the maximum size wire for the tool and a
terminal.
2. Position the terminal and wire between the
crimping dies as described in Section 3.
3. Hold wire in place and squeeze tool handles
until the CERTI--CRIMP hand crimping tool ratchet
control releases. Hold the handles in this position,
maintaining just enough tension to keep the dies
closed.
4. Check the clearance between the bottoming
surfaces of the crimping dies with the 0.025 mm
[.001 in.] shim. If the clearance is 0.025 mm
[.001 in.] or less, the ratchet is considered
satisfactory. If the clearance exceeds 0.025 mm
[.001 in.], the ratchet is out of adjustment and must
be repaired.
7. REPLACEMENT AND REPAIR
Replaceable parts are listed in Figure 7. Parts other
than those listed in Figure 7 should be replaced by TE
to ensure quality and reliability of the tool. Order
replacement parts through your TE Representative, or
call 1--800--526--5142, or send a facsimile of your
purchase order to 1--717--986--7605, or write to:
CUSTOMER SERVICE (38--35)
TYCO ELECTRONICS CORPORATION
P.O. BOX 3608
HARRISBURG, PA 17105--3608
For tool repair service, please contact a TE
Representative at 1--800--526--5136.
8. REVISION SUMMARY
S
Updated document to corporate requirements
S
Added Figure 7


Số phần tương tự - 5--21028--7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
5--21003--1 TEC-5--21003--1 Datasheet
85Kb / 2P
   Adapter Kits for GREENERD Manual
logo
Tyco Electronics
5--21012--4 MACOM-5--21012--4 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
More results

Mô tả tương tự - 5--21028--7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com