công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E-1048-8I3-C3A0V0-4U3-3A bảng dữ liệu(PDF) 1 Page - ETAL Group

tên linh kiện E-1048-8I3-C3A0V0-4U3-3A
Giải thích chi tiết về linh kiện  Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8I3-C3A0V0-4U3-3A bảng dữ liệu(HTML) 1 Page - ETAL Group

  E-1048-8I3-C3A0V0-4U3-3A Datasheet HTML 1Page - ETAL Group E-1048-8I3-C3A0V0-4U3-3A Datasheet HTML 2Page - ETAL Group E-1048-8I3-C3A0V0-4U3-3A Datasheet HTML 3Page - ETAL Group E-1048-8I3-C3A0V0-4U3-3A Datasheet HTML 4Page - ETAL Group E-1048-8I3-C3A0V0-4U3-3A Datasheet HTML 5Page - ETAL Group E-1048-8I3-C3A0V0-4U3-3A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8I...
1646
1
5
Description
Features
Technical Data (TU = 25 °C, US = DC 24 V) (TU = ambient temperature at UN)
Power supply LINE +
Type
DC power supply with small Ri
battery and generator etc.
Voltage ratings UN
DC 12 V/DC 24 V
Operating voltage US:
DC 9...32 V
Load circuit LOAD
Load output
Power MOSFET, high side switching
Max. current rating IN
20 A
Types of loads
resistive, inductive, capacitive, lamp
loads, motors (depending on duration
of inrush current)
Current rating range IN
1 A...15 A (fixed ratings)
up to 85 °C ambient without load
reduction, 20 A up to 70 °C.
Two basic versions with factory pre-
set ratings:
version 1: 1 A/2 A/3 A/5 A/7.5 A/10 A
version 2: 15 A/20 A
Induced current consumption
I0 of the unit (OFF condition) < 1 mA
Typical voltage drop UON
at rated current IN (at 25 °C)
Switching point
typically 1.3 x IN
(-40 °C...+85 °C: 1.1...1.5 x IN)
Trip time (standard curve)
typically 200 ms with switch-on onto
overload and/or load increase on duty
Current limitation
version 1: typically 75 A
version 2: typically 350 A
Temperature disconnection
power transistor > 150 °C
After trip
- resettable via external control signal
(low-high) at control input IN+
- reset of supply voltage
Parallel connection of channels for loads of 20 A plus, several units of
identical current ratings may be
connected in parallel. To ensure equal
distribution of current between units,
symmetrical design of the supply feed
is necessary (length and cross section).
Leakage current in OFF
condition
version 1: max. 100 µA
version 2: max. 500 µA
Free-wheeling diode
for connected load
integral
version 1: max. 40 A
version 2: max. 100 A
The Smart Power Relay E-1048-8I.- is a remotely controllable electronic
load disconnecting relay with three functions in a single unit:
l
electronic relay
l
electronic overcurrent protection
l
status indication
The 7 pin INLINE version is designed for use with various E-T-A
terminal blocks, e. g. 17-P10-Si. A choice of current ratings is available
from 1 A through 20 A. An operating voltage range of DC 9...32 V
allows the connection of DC 12 V and DC 24 V loads.
In order to switch and protect loads remotely, it has until now been
necessary to connect several discreet components together:
- an electro-mechanic relay, control cable and integral contact
to close the load circuit
- an additional protective element (circuit breaker or fuse) for
cable or equipment protection
- a device for current measurement (shunt)
Now type E-1048-8I. combines all these functions in a single unit,
thus minimising the number of connections in the circuit and
thereby reducing the risk of failures.
Applications
Type E-1048-8I. is suited to all applications with DC 12 V or DC 24
V circuits, where magnetic valves, motors or lamp loads have to be
switched, protected or monitored:
- road vehicles (utility vehicles, buses, special vehicles)
- rail vehicles
- marine industry (ships, boats, yachts etc.)
The Power Relay is also suitable for industrial use (process control,
machine-building, engineering) as an electronic coupling relay
between PLC and DC 12 V or DC 24 V load
l
Integral power electronics provide a wear-resistant switching
function, insensitive to shock and vibration.
l
Only a fraction of the control power needed by electro-mechanical
relays is required for switching loads. This is important for battery
buffered load circuits which have to remain controlled even with
the generator off line.
l
The extremely low induced current consumption of less than 1 mA
is absolutely necessary for battery buffered applications.
l
The load circuit is disconnected in the event of an overload or
short circuit, the trip curve is also suitable for smaller motor loads.
l
The load circuit is permanently monitored for wire breakage.
l
Two status outputs for control signal AS and group signal SF
provide status indication. For processing the actual value of the
current flow in a power management system an analogue output
from 0 to 5 V is provided. This voltage signal may also be used as
an input to a control circuit or to switch off the unit by means of
external control in the event of low load current value.
l
For switching and monitoring loads of 20 A plus it is possible to
connect several units in parallel. Uniform power distribution between
units must be ensured by symmetrical design of the supply cables
(length and cross section).
l
Coloured label, e. g. red = 10 A, see ordering information.
E-1048-8I... INLINE version
IN
UON
IN
UON
1 A
50 mV
7.5 A
90 mV
2 A
55 mV
10 A
110 mV
3 A
60 mV
15 A
60 mV
5 A
80 mV
20 A
60 mV


Số phần tương tự - E-1048-8I3-C3A0V0-4U3-3A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V1-4U3-1A ETAL-E-1048-8C4-C0A0V1-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Mô tả tương tự - E-1048-8I3-C3A0V0-4U3-3A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com