công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E-1048-S602DC24V2.0A bảng dữ liệu(PDF) 4 Page - ETAL Group

tên linh kiện E-1048-S602DC24V2.0A
Giải thích chi tiết về linh kiện  Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-S602DC24V2.0A bảng dữ liệu(HTML) 4 Page - ETAL Group

  E-1048-S602DC24V2.0A Datasheet HTML 1Page - ETAL Group E-1048-S602DC24V2.0A Datasheet HTML 2Page - ETAL Group E-1048-S602DC24V2.0A Datasheet HTML 3Page - ETAL Group E-1048-S602DC24V2.0A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1048-S6...
1646
4
5
Accessories for E 1048-S6xx
9
5.4
125
.213
.354
4.92
cylinder head screw
M4x4 ISO1207
nickel plated
washer
A 4.3 DIN 125
nickel plated
female
connector
Phoenix terminal AKG 35
max.cross section 35 mm2 (AWG 2)
M4
12.8
7
154.8
pressure-relief joint
(1.1 mm (.043 in.)
thick constriction)
Cu rail, tin-plated
.504
.276
6.09
blade terminal DIN 46244 part 2
C profile (2xA2.8-0.8) (QC 2x.110)
depth
10 mm
(.394 in.)
adapter X20040901
symmetrical rail
EN 50022-35x7.5
polarization recess
G-profile
EN 50035-G32
80
10
12.5
1
11
23
2(k)
12
24
2(i)
1
11
23
2(k)
12
24
2(i)
3.15
.492
.394
polarized blade terminal
DIN 46244-A6.3-0.8 (QC .250)
slot for fitting labels from
Phoenix, Weidmüller
6.3
-P10
.248
retaining clip
2.8
-P70
.110
Single mounting sockets
(with adapter)
(up to 16 A max. load)
17-P10-Si
17-P10-Si-20025
17-P70-Si
17-P70-Si-20025
(retaining clip Y 308 792 01)
Busbar (10-way) (supplied as a complete package)
for type 17 socket
(for max. 100 A continuous load),
more positions available on request
X 211 157 01 with terminal
X 211 157 02 without terminal
Insulating sleeving for busbar (10-way)
Y 303 824 01
retaining clip
Connector bus links -P10
X 210 588 01 / 1.5 mm2,(AWG 16), brown (up to 13 A max. load)
X 210 588 02 / 2.5 mm2, (AWG 14),black (up to 20 A max. load)
X 210 588 03 / 2.5 mm2,(AWG 14), red (up to 20 A max. load)
X 210 588 04 / 2.5 mm2, (AWG 14),blau (up to 20 A max. load)
2-way mounting socket
23-P10-Si
6-way mounting socket
63-P10-Si
retaining
clip
22.2
21
10
2
max. 30
6
7.4
4.4
25
12.5
4.4
7.4
12.5
6.25
50
75
12.5
polarized blade terminals
DIN 46244-A6.3-0.8 (QC .250)
polarized
recess
.173
.291
.492
.984
.291
.173
.394
.827
.874
.079
.236
max. 1.18
.492
1.97
2.95
.492
.246
100 quick-connect tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Pin selection 17-P10-Si fitted with E-1048-S6xx
E-1048-S6xx 17-P10-Si
IN +
(2)
(2)
[2(k)]
IN -
(5)
(5)
[12]
F +
(7)
(7)
[24]
F -
(3)
(3)
[2(i)]
-UB
(6)
(6)
[23]
Q
(4)
(4)
[11]
+UB
(1)
(1)
[1]
64
Retaining clip
Y 308 792 01
recommended for a tight fit of types
ESX10 / E-1048-S6xx / SB-S11-P1-xx
with terminal blocks type 17 and 17plus
2.52


Số phần tương tự - E-1048-S602DC24V2.0A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-1.0A ETAL-E-1048-S700DC24V-1.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-2.0A ETAL-E-1048-S700DC24V-2.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-4.0A ETAL-E-1048-S700DC24V-4.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-5.0A ETAL-E-1048-S700DC24V-5.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
More results

Mô tả tương tự - E-1048-S602DC24V2.0A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Megawin Technology Co.,...
MG65P701A MEGAWIN-MG65P701A Datasheet
1Mb / 42P
   Build-in a over current protection circuit
logo
Allegro MicroSystems
A6214 ALLEGRO-A6214 Datasheet
1Mb / 25P
   2 A maximum output over operating temperature range
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com