công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM7131BCMX bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM7131BCMX bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI) |
9 / 23 page Typical Performance Characteristics (Continued) Application Information GENERAL INFORMATION The LM7131 is a high speed complementary bipolar ampli- fier which provides high performance at single supply volt- ages. The LM7131 will operate at ±5V split supplies, +5V single supplies, and +3V single supplies. It can provide im- proved performance for ±5V designs with an easy transition to +5V single supply. The LM7131 is a voltage feedback am- plifier which can be used in most operational amplifier cir- cuits. LM7131 Driving Flash A/D Load A V = +5 @ +5V With 2 pF Feedback Capacitor DS012313-5 LM7131 Driving Flash A/D Load A V = +10 @ +5V DS012313-6 LM7131 Bode Plot @ 3V, 5V and 10V DS012313-7 LM7131 Single Supply Bode Plot @ 3V, 5V and 10V DS012313-8 www.national.com 9 |
Số phần tương tự - LM7131BCMX |
|
Mô tả tương tự - LM7131BCMX |