công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E-1048-8C4-C3A0V0-4U3-5A bảng dữ liệu(PDF) 4 Page - ETAL Group |
|
E-1048-8C4-C3A0V0-4U3-5A bảng dữ liệu(HTML) 4 Page - ETAL Group |
4 / 4 page www.e-t-a.de Smart Power Relay E-1048-8C... 1651 4 5 Connection diagram Pin selection CUBIC version (7 pin = “DELUXE”) Pin selection CUBIC version (4 pin = “BASIC”) yellow red LOAD (+) GND LINE (+) DC 12 V/24 V IN+ AS* SF* AS * SF * U(I) * = max. 6,5 V control input group fault signal control signall analogue output 0 … 5 V 1…10 mA max. 5 mA max. 2 A max. 2 A * Optionally available: - LED indication AS / SF - status outputs AS / SF - analogue output U(I) E-1048-8C CUBIC version AS 1 control signal (^ = LED yellow) LINE +2 plus US (DC 12 V/24 V) SF 3 group fault signal (^ = LED red) IN+ 4 control input U(I) 5 0…5 V analogue output GND 6 minus US LOAD 8 load output 5 8 4 6 21 3 (30) (30) (86) (86) (31) (31) (88a) (88a) ( ) = automotive terminal labeling ^ E-1048-8C CUBIC version 1 LINE +2 plus US (DC 12 V/24 V) 3 IN+ 5 GND 6 minus US LOAD 8 load output 8 4 6 2 control input (30) (30) (86) (86) (31) (31) (88a) (88a) 4 ( ) = automotive terminal labeling ^ All dimensions without tolerances are for reference only. In the interest of improved design, performance and cost effectiveness the right to make changes in these specifications without notice is reserved. Product markings may not be exactly as the ordering codes. Errors and omissions excepted. Typical time/current characteristics (TU = 25 °C) Trip curve 2: 15 A, 20 A and 25 A (standard 200 ms) Trip curve 1: 1 A, 2 A, 3 A, 5 A, 71/2 A and 10 A (standard 200 ms) 1 2 1000 100 10 1 0.1 I (A) 0 1000 12 100 10 1 0.1 0 (typ. 60 A) typ. 1.3 x I N I (A) typ. 1.3 x I N (typ. 250 A) max. overload ... times rated current I N max. overload ... times rated current I N |
Số phần tương tự - E-1048-8C4-C3A0V0-4U3-5A |
|
Mô tả tương tự - E-1048-8C4-C3A0V0-4U3-5A |