công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E-1048-8C4-C0D4V0-4U3-3A bảng dữ liệu(PDF) 2 Page - ETAL Group |
|
E-1048-8C4-C0D4V0-4U3-3A bảng dữ liệu(HTML) 2 Page - ETAL Group |
2 / 4 page www.e-t-a.de Smart Power Relay E-1048-8C... 1651 2 5 Wire breakage monitoring in wire breakage thresholds: ON and OFF in OFF-condition (ver.1): Rload > 100 kΩ condition of load 1) in OFF-condition (ver.2): Rload > 10 kΩ in ON-condition: Iload < 0.2 x IN indication via group fault signalisation SF (switching output) Fault indication will not be stored, i.e. after remedy of wire breakage fault indication will disappear Possible options: - wire breakage indication only in ON condition - wire breakage indication only in OFF condition - no wire breakage indication) Short circuit, overload - disconnection of load, indication via in load circuit group signal SF - no automatic re-start - after remedy of the fault unit has to be reset via control input IN+ Control input IN+ Control voltage IN+ 0...5 V = “OFF”, 8.5...32 V = “ON” Control current IE 1...10 mA (8.5...DC 32 V) Reset in the event of a failure - via external control signal (low-high) at control input IN+ - high) at control input IN+ - via reset of supply voltage Switching frequency at resistive or inductive load max. 60 Hz Edge of IN < 5 ms Status and diagnostic functions Control signal AS transistor output low side switching (LSS), open collector, short circuit and overload proof, max. load: DC 32 V/2 A 0 V-level: when unit is set (at IN+ = 8.4...32 V) Group signal SF transistor output low side switching (LSS), open collector, short circuit and overload proof, load max. DC 32 V/2 A 0 V-level with overload and short circuit disconnection, wire breakage indication Analogue output U(I) voltage output 0-5 V proportional to load current: 1 V = 0.2 x IN 5 V = 1.0 x IN 5 V... typically 6.5 V = overload range tolerance: (for Iload > 0.2 x IN) ± 8 % of IN max. output current 5 mA load resistance > 1 kΩ against GND Trip times 1) response time when switching on a load: definition of t90 t90 = 20 ms reached 90% of final value response time of load change on duty: t90 = 1 ms Visual status indication control signal AS LED yellow group fault signal SF LED red General data Reverse polarity protection Control circuit yes Load circuit no (due to integral free-wheeling diode) Status outputs interference voltage resistance max. DC 32 V Temperature range 1...20 A: -40...+85 °C ambient temperature 25 A: -40...+60 °C without load reduction Temperature shutdown power transistor > 150 °C Tests Humid heat combined test, 9 cycles with functional test test to DIN EN 60068-2-30, Z/AD Temperature change min. temperature -40 °C, max. temperature +90 °C test to DIN IEC 60068-2-14, Nb Vibration (random) in operation, with temperature change 6 g eff. (10 Hz...2,000 Hz) test to DIN EN 60068-2-64 Vibration was tested with standard sockets for PCB mounting. Behaviour at vibrations depends on design, quality and age (number of push-in cycles) of the socket particularly regarding duration of the vibration and the mounting position Shock 25 g/11 ms, 10 shocks test to DIN EN 60068-2-27 Corrosion test to DIN EN 60068-2-52, severity 3 Protection class housing -8C4 IP30 to DIN 40050 housing -8C5 IP54 to DIN 40050, higher protection class upon request EMC requirements EMC directive: emitted interference EN 50081-1 noise immunity EN 61000-6-2 Automotive directive: emitted interference, noise immunity: 72/245/EWG und 2006/28/EG Terminals of CUBIC version (7 pin, standard) 5 blade terminals 6.3 mm x 0.8 mm and 2 blade terminals 2.8 mm x 0.6 mm to DIN 46244 Contact material CuZn37F44 Mounting: on automotive relay socket 4-pole or 7-pole Housing CUBIC version max. dimensions 30 x 30 x 40 mm when plugged in 30 x 30 x 51.6 mm including terminals Materials housing PA66-GF30 base plate PA6-GF30 Mass approx. 23 g...43 g, depending on version Approvals CE, E1 logo to EMC directive and vehicles directive Approved by Kraftfahrt-Bundesamt approvals no. E1 10R-043880 Technical Data (TA = 25 °C, UN = DC 24 V) (TA = ambient temperature at UN) Technical Data (TA = 25 °C, UN = DC 24 V) (TA = ambient temperature at UN) 1) typically |
Số phần tương tự - E-1048-8C4-C0D4V0-4U3-3A |
|
Mô tả tương tự - E-1048-8C4-C0D4V0-4U3-3A |