công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESX10-TB-17DC24V-2A-E bảng dữ liệu(PDF) 2 Page - ETAL Group

tên linh kiện ESX10-TB-17DC24V-2A-E
Giải thích chi tiết về linh kiện  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-17DC24V-2A-E bảng dữ liệu(HTML) 2 Page - ETAL Group

  ESX10-TB-17DC24V-2A-E Datasheet HTML 1Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 2Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 3Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 4Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 5Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-17DC24V-2A-E Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Electronic Circuit Protector ESX10-T.-DC 24 V
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V
1642
2
4
Starting delay tstart
typically 0.5 sec after every switch-on
and after applying US
Disconnection of load circuit electronic disconnection
Free-wheeling circuit
external free-wheeling diode
recommended with inductive load
Several load outputs must not be connected in parallel
Status output SF
ESX10-T.-114/-124/
Electrical data
plus-switching signal output,
connects US to terminal 12 of module 17plus
nominal data: DC 24 V / max. 0.2 A (short
circuit proof)
status output is internally connected to
GND with a 10 kOhm resistor
Status OUT
ESX10-TB-114/-124 (signal status OUT),
at US = +24 V
+24 V = S1 is ON, load output connected
through 0V = S1 is ON, load output blocked
and/or switch S1 is OFF
red LED lighted
OFF condition
0 V level at status output when:
l
switch S1 is in ON position, but device is
still in switch-on delay
l
switch S1 is OFF, or control signal OFF,
device is switched off
l
no operating voltage US
Signal output F
ESX10-T.-101/-102
Electrical data
potential-free signal contact
max. DC 30 V/0.5 A, min. 10 V/10 mA
ON condition LED green voltage US applied, switch S1 is in ON
position
no overload, no short circuit
OFF condition LED off
l
device switched off
(switch S1 is in OFF position)
l
no voltage US applied
Fault condition LED orange overload condition > 1.1 x IN up to
electronic disconnection
Fault condition LED red
electronic disconnection upon
overload or short circuit
ESX10-TB-101
single signal, make contact
contact SC/SO-SI open
ESX10-TB-102
single signal, break contact
contact SC/SO-SI closed
Fault
signal output fault conditions:
l
no operating voltage US
l
ON/OFF switch S1 is in OFF position
l
red LED lighted
(electronic disconnection)
Reset input RE
ESX10-T.-124/-127
Electrical data
voltage: max. + DC 32 V
high > DC 8 V ≤ DC 32 V
low ≤ DC 3 V > 0 V
power consumption typically 2.6 mA
(+DC 24 V)
min. pulse duration typically 10 ms
Reset signal RE
The electronically blocked
(terminal 22)
ESX10-TB-124/-127 may remotely be
reset via an external momentary switch due
to the falling edge of a +24 V pulse.
A common reset signal can be applied to
several devices simultaneously.
Switched on devices remain unaffected.
Control input IN+
ESX10-T.-114
Electrical data
see reset input RE
Control signal IN+
+24V level (HIGH): device will be switched
(terminal 21)
on by a remote ON/OFF signal
0 V level (LOW): device will be switched
off by a remote ON/OFF signal
Switch S1 ON/OFF
unit can only be switched on with S1 if a
HIGH level is applied to IN+
Technical data (Tambient = 25°C, operating voltage US = DC 24 V)
Technical data (Tambient = 25°C, operating voltage US = DC 24 V)
LED display
ON:
LED green
OFF:
LED red
General data
Fail-safe element:
backup fuse for ESX10-T not required
because of the integral
redundant fail-safe element
Terminals
LINE+ / LOAD+ / 0V
screw terminals
M4
max. cable cross section
flexible with wire end ferrule w/wo plastic sleeve
0.5 – 10 mm2
wire stripping length
10 mm
tightening torque (EN 60934)
1.5 – 1.8 Nm
multi-lead connection
(2 identical cables)
rigid/flexible
0.5 – 4 mm2
flexible with wire end ferrule without plastic sleeve
0.5 – 2,5 mm2
flexible with TWIN wire end ferrule with plastic sleeve 0.5 – 6 mm2
Terminals
aux. contacts
screw terminals
M3
max. cable cross section
flexible with wire end ferrule w/wo plastic sleeve
0.25 – 2.5 mm2
wire stripping length
8 mm
tightening torque (EN 60934)
0.5 – 0.6 Nm
Housing material
moulded
Mounting
symmetrical rail to EN 50022-35x7.5
Ambient temperature
-25...+50 °C (without condensation, see
EN 60204-1)
Storage temperature
-40...+70 °C
Humidity
96 hrs/95 % RH/40 °C to
IEC 60068-2-78, test Cab.
climate class 3K3 to EN 60721
Vibration
3 g, test to IEC 60068-2-6 test Fc
Degree of protection
housing: IP20 EN 60529
terminals: IP20 EN 60529
EMC
emission: EN 61000-6-3
(EMC directive, CE logo)
susceptibility: EN 61000-6-2
Insulation co-ordination
0.5 kV/2 pollution degree 2
(IEC 60934)
re-inforced insulation in operating area
dielectric strength
max. DC 32 V (load circuit)
Insulation resistance
(OFF condition)
n/a, only electronic disconnection
Approvals
CE-logo
(ESX10-TA/-TB/-TD)
UL 2367, File # E306740,
Solid State Overcurrent Protectors
UL 508, File # E322549
Approvals
UL 1604, File # E320024 (class Ι, division 2,
(ESX10-TA/-TB)
groups A, B, C, D)
CSA C22.2 No: 14, File # 16186
CSA C22.2 No: 142, File # 16186
CSA C22.2 No: 213 (class Ι, division 2)
Dimensions (W x H x D)
12.5 x 80 x 83 mm
Mass
approx. 65 g


Số phần tương tự - ESX10-TB-17DC24V-2A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

Mô tả tương tự - ESX10-TB-17DC24V-2A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com