công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESX10-TB-120DC24V-1A-E bảng dữ liệu(PDF) 8 Page - ETAL Group

tên linh kiện ESX10-TB-120DC24V-1A-E
Giải thích chi tiết về linh kiện  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-120DC24V-1A-E bảng dữ liệu(HTML) 8 Page - ETAL Group

Back Button ESX10-TB-120DC24V-1A-E Datasheet HTML 4Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 5Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 9Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 10Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 11Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 12Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
1642
8
4
disconnection
typically 1.1 x I
N
current limitation
typically 1.8 x I
N
I
K
10000
1000
1
2
4
...times rated current
100
10
1
0. 1
0.01
3
5
0
1.8 x I
N
5
Time/Current characteristic curve (TA = 25 °C)
Table 3: Reliable trip of ESX10-T
l
The trip time is typically 3 s in the range between 1.1 and 1.8 x IN
(e.g. ESX10-TB-...-6 A)
l
Electronic current limitation ILimit occurs at typically 1.8 x IN
which means that under all overload conditions (independent
of the power supply and the resistance of the load circuit) the
max. overload before disconnection will not exceed 1.8 x IN
times the current rating. The individual current limitation value
ILimit depends on the current rating (see table1). Trip time is
between 100 ms and 3 sec (depending on overload or at short
circuit).
l
Without this current limitation a considerably higher overload
current would flow in the event of an overload or short circuit.
Reliable trip of ESX10 with different cable lengths and cross sections
Resistivity of copper ρ0 = 0.0178 (Ohm x mm2) / m
US = DC 19.2 V (= 80 % of 24 V)
voltage drop of ESX10-T and tolerance of trip point (typically 1.1 x IN = 1.05 ... 1.35 x IN)
have been taken into account.
ESX10-T-selected rating IN (in A) ➞
e. g. trip current Iab = 1.25 x IN (in A)) ➞
Rmax in Ohm = (US / Iab) - 0.050 ➞
3
6
3.75
7.5
ESX10-T trips after 3 s
5.07
2.51
The ESX10-T reliably trips from 0 Ohm to max. circuitry resistance Rmax
Cable cross section
A in mm2
0.14
0.25
0.34
0.5
0.75
1
1.5
cable length
L in meter (= single length)
cable resistance in Ohm = (R0 x 2 x L) / A
5
1.27
0.71
0.52
0.36
0.24
0.18
0.12
10
2.54
1.42
1.05
0.71
0.47
0.36
0.24
15
3.81
2.14
1.57
1.07
0.71
0.53
0.36
20
5.09
2.85
2.09
1.42
0.95
0.71
0.47
25
6.36
3.56
2.62
1.78
1.19
0.89
0.59
30
7.63
4.27
3.14
2.14
1.42
1.07
0.71
35
8.90
4.98
3.66
2.49
1.66
1.25
0.83
40
10.17
5.70
4.19
2.85
1.90
1.42
0.95
45
11.44
6.41
4.71
3.20
2.14
1.60
1.07
50
12.71
7.12
5.24
3.56
2.37
1.78
1.19
75
19.07
10.68
7.85
5.34
3.56
2.67
1.78
100
25.34
14.24
10.47
7.12
4.75
3.56
2.37
125
31.79
17.80
13.09
8.90
5.93
4.45
2.97
150
38.14
21.36
15.71
10.68
7.12
5.34
3.56
175
44.50
24.92
18.32
12.46
8.31
6.23
4.15
200
50.86
28.48
20.94
14.24
9.49
7.12
4.75
225
57.21
32.04
23.56
16.02
10.68
8.01
5.34
250
63.57
35.60
26.18
17.80
11.87
8.90
5.93
Example 1:
max. length at 1.5 mm2 and 3 A ➞
214 m
Example 2:
max. length at 1.5 mm2 and 6 A ➞
106 m
Example 3:
mixed wiring:
R1 = 40 m in 1.5 mm2 and R2 = 5 m in 0.25 mm2:
(Control cabinet – sensor/actuator level) R1 = 0.95 Ohm, R2 = 0.71 Ohm
Total (R1 + R2) = 1.66 Ohm


Số phần tương tự - ESX10-TB-120DC24V-1A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

Mô tả tương tự - ESX10-TB-120DC24V-1A-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com