công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E-1048-8D5-C1A0-4U3-1A bảng dữ liệu(PDF) 1 Page - ETAL Group

tên linh kiện E-1048-8D5-C1A0-4U3-1A
Giải thích chi tiết về linh kiện  Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8D5-C1A0-4U3-1A bảng dữ liệu(HTML) 1 Page - ETAL Group

  E-1048-8D5-C1A0-4U3-1A Datasheet HTML 1Page - ETAL Group E-1048-8D5-C1A0-4U3-1A Datasheet HTML 2Page - ETAL Group E-1048-8D5-C1A0-4U3-1A Datasheet HTML 3Page - ETAL Group E-1048-8D5-C1A0-4U3-1A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8D...
1646
1
5
Description
Features
Technical Data (TA= 25 °C at UN)
E-1048-8D DICE version
Power supply LINE +
Type
DC power supply with small Ri
battery and generator etc.
Voltage ratings UN
DC 12 V/DC 24 V
Operating voltage US
DC 9...32 V
Closed-circuit current
I0 in the OFF condition 1)
50 µA
Load circuit LOAD
Load output
Power MOSFET, High Side Switch
(HSS)
Current rating range IN
1 A ... 30 A (fixed ratings) without load
reduction up to 85° C (1 A ... 25 A),
30 A up to 60 °C ambient temp.
Types of loads
resistive, inductive, capacitive, lamp
loads, motors (depending on duration
of inrush current)
ENTRY version
Load output with short circuit protection
ENTRYprotect version
Load output with short circuit and
overload protection (typically 200 ms
at ILoad typically 1.3 x IN)
IN = 1 A...10 A: see trip curve 1
IN = 15 A...30 A: see trip curve 2
Typical voltage drop UON at rated current IN 1)
only ENTRYprotect
Switching point 1)
typically 1.3 x IN
(-40 °C...+85 °C: 1.1...1.5 x IN)
Trip time (standard curve) 1)
typically 200 ms with switch-on onto
overload and/or load increase on duty
Max. overload
IN = 1 A...10 A: 60 A (at L/R = 3 ms)
IN = 15 A...30 A: 200 A (at L/R = 3 ms)
Parallel connection of channelsfor loads of 30 A plus, several units of
identical current ratings may be
connected in parallel. To ensure equal
distribution of current between units,
symmetrical design of the supply feed
is necessary (length and cross section).
The Smart Power Relay E-1048-8D is a remotely controllable electronic
load disconnecting relay with two functions in a single unit:
l
electronic relay
l
electronic overcurrent protection
The 4 pin DICE version is designed for use with standard automotive relay
sockets. A choice of current ratings is available from 1 A through 30 A.
An operating voltage range of DC 9...32 V allows the connection of
DC 12 V and DC 24 V loads.
In order to switch and protect loads remotely, it has until now been
necessary to connect several discreet components together:
- an electro-mechanic relay, control cable and integral
contact to close the load circuit
- an additional protective element (circuit breaker or fuse) for
cable or equipment protection
Now type E-1048-8D combines these two functions in a single
unit, thus minimising the number of connections in the circuit
and thereby reducing the risk of failures.
Applications
Type E-1048-8D is suited to all applications with DC 12 V or DC 24 V
circuits, where magnetic valves, motors or lamp loads have to be
switched and protected:
- road vehicles (utility vehicles, buses, special vehicles)
- construction and agricultural machinery
- rail vehicles
- marine industry (ships, boats, yachts etc.)
The Power Relay is also suitable for industrial use (process control,
machine-building, engineering) as an electronic coupling relay between
PLC and DC 12 V or DC 24 V load
l
Integral power electronics provide a wear-resistant switching
function, insensitive to shock, vibration and dust.
l
Compared to electro-mechanical relays, only a fraction of the
closed-circuit current or switching current is needed. This is
important for battery buffered load circuits which have to remain
controlled even with the generator off line.
l
The extremely low induced current consumption of less than 50 µA is
absolutely necessary for battery buffered applications.
l
The load circuit is disconnected in the event of a short circuit
(ENTRY version) or overload/short circuit (ENTRYprotect version).
l
For switching and monitoring loads of 30 A plus it is possible to
connect several units in parallel. Uniform power distribution between
units must be ensured by symmetrical design of the supply cables
(length and cross section).
l
Coloured label, for the identification the rated current (e. g. red = 10 A).
IN
UON
IN
UON
1 A
50 mV
10 A
110 mV
2 A
55 mV
15 A
70 mV
3 A
60 mV
20 A
90 mV
5 A
80 mV
25 A
120 mV
7.5 A
90 mV
30 A
140 mV
1)
typically
Approvals
Authority
Approval mark
Regulation
KBA
E1
ECE R 10


Số phần tương tự - E-1048-8D5-C1A0-4U3-1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Mô tả tương tự - E-1048-8D5-C1A0-4U3-1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com