công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E-1073-0100-437-B3-K12-5 bảng dữ liệu(PDF) 1 Page - ETAL Group

tên linh kiện E-1073-0100-437-B3-K12-5
Giải thích chi tiết về linh kiện  Battery and cable protection for all types of vehicle (including electric), battery powered systems.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1073-0100-437-B3-K12-5 bảng dữ liệu(HTML) 1 Page - ETAL Group

  E-1073-0100-437-B3-K12-5 Datasheet HTML 1Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 2Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 3Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 4Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 5Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Battery Isolation Switch E-1073-437
www.e-t-a.de
1646
1
2
Description
Typical applications
Ordering information
Technical data – Electronic module
Single pole circuit breaker type 437 featuring an additional electronic
function module which limits the duration of the supply to the remote
disconnect and re-connect coils, avoiding damage in the event
of unusual operating circumstances. Available with undervoltage
monitoring option to protect batteries from the effects of deep
discharge, status output for undervoltage, auto reset feature.
Battery and cable protection for all types of vehicle (including electric),
battery powered systems.
E-1073-437
Type No.
E-1073 control unit for type 437 with remote control
Voltage rating
0 DC 12 V
1 DC 24 V
Control mode
1 ON/OFF control input
00 without additional function
02 with undervoltage protection and status output
2 ON and OFF buttons
33 with control current supply and ON/OFF test input
Circuit Breaker
437
single pole circuit breaker (double pole upon request)
Enclosure design (optional)
blank without enclosure
B3
moulded housing
Terminal design
K60
straight flat screw terminal
(for use without housing)
K12
screw terminal, angled 90°
(for use with B3 or B35)
Mounting
5 mounting brackets for
surface mounting
Characteristic curve
06 fast trip
07 delayed trip
Auxiliary contacts
Si01 one N/C and two N/O
Remote ON and OFF
operation
FC12 DC12V, remote ON/OFF
FC24 DC24V, remote ON/OFF
Suffix
173027 standard
Current ratings
80 A, 100 A, 120 A,
160A, 180 A, 200 A,
240 A
E-1073-1 1
02 - 437-B3 -K60-5 - 06 -Si01-FC12 - 173027 - 240 A
ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
Voltage rating
DC 24 V
Voltage rating range
ON
18 - 32 V
OFF
16 - 32 V
Correct switching performance is not
guaranteed if the voltage falls below the
minimum value.
Temperature range
electronic control unit
-40...+80 °C (-40...+176 °F)
Operating current
ON
approx. 15 A
OFF approx. 20 A
Excitation time
ON
typically 100 ms
OFF typically 20 ms
Switching frequency
0.1 Hz max.
Power consumption
typically < 1 mA
of electronic control unit
(when switched off or button operated)
Control inputs
E-1073-.1..:
»E/A« (ON/OFF), »U-AUS«
(undervoltage protection OFF), »A-W« (auto reset)
E-1073-.2..:
»T-EIN« (button ON), »T-AUS« (button OFF)
voltage
max. 32 V
ON (high)
> 8 V
OFF (low)
< 3 V
power consumption
DC 24 V: typically 5 mA
EMC
according to DIN 40839/ISO 7637
Reverse polarity
If polarized incorrectly, the
protection
circuit breaker will trip after a few seconds.
Undervoltage protection
optional with E-1073-.1..
switching thresholds
DC 24 V: 22.8 V ± 0.2 V
hysteresis
typically 0.5 V
trip time
typically 40 sec
Undervoltage status output »UST«, optional with E-1073-.1..
transistor output
minus switching
current load
corresponding to 2 W lamp load, short-
circuit proof
Control current supply »+US2«, with E-1073-.2.. for T-EIN/T-AUS
May be connected to 20 control inputs.
Noise-voltage proof, short-circuit proof
Terminals
control terminals
blade terminals 6.3x0.8 mm
Mass
approx. 2,000 g without enclosure
Technical data of circuit breaker
see type 437


Số phần tương tự - E-1073-0100-437-B3-K12-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-0.1A ETAL-E-1071-623-DC24V-0.1A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-0.5A ETAL-E-1071-623-DC24V-0.5A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-1.0A ETAL-E-1071-623-DC24V-1.0A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-2.0A ETAL-E-1071-623-DC24V-2.0A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
More results

Mô tả tương tự - E-1073-0100-437-B3-K12-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com