công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESX10-TC bảng dữ liệu(PDF) 3 Page - ETAL Group |
|
ESX10-TC bảng dữ liệu(HTML) 3 Page - ETAL Group |
3 / 8 page www.e-t-a.de Electronic Circuit Protector ESX10-TC DC 12 V 1642 3 4 Electronic Circuit Protector ESX10-TC DC 12 V Ordering configuration for ATEX versions: ...-E Ordering information Type No. ESX10 Electronic Circuit Protector, with current limitation Mounting and design TC rail mounting, with signal contact and slot for busbars and jumpers Version 1 standard, without physical isolation in the event of a failure Signal input 1 with control input IN+, only ESX10-T-114 2 with reset input RE, only ESX10-T-124 Signal output 4 status output SF (only ESX10-T-114, ESX10-T-124) Operating voltage DC 12 V rated voltage DC 12 V Current rating 1 A 2 A 3 A 4 A 6 A 10 A ESX10 - TC 1 2 4 - DC 12 V - 10 A ordering example Description of ESX10-T signal inputs and outputs (wiring diagrams) see next page. Type No. ESX10 Electronic Circuit Protector, with current limitation Mounting and design TC rail mounting, with signal contact and slot for busbars and jumpers Version 1 standard, without physical isolation Signal input 1 with control input IN+ 2 with reset input RE Signal output 4 status output SF Operating voltage DC 12 V rated voltage DC 12 V Current rating 1...10 A Approvals E ATEX ESX10 -TC 1 2 4 -DC 12 V-10 A-E ordering example Approvals Information on UL approvals ESX10-TC UL1604 UL File # E320024 Operating Temperature Code T5 - This equipment is suitable for use in Class Ι, Division 2, Groups A, B, C and D or non-hazardous locations only WARNING: - Exposure to some chemicals may degrade the sealing properties of materials used in the following device: relay Sealant Material: Generic Name: Modified diglycidyl ether of bisphenol A Supplier: Fine Polymers Corporation Type: Epi Fine 4616L-160PK Casing Material: Generic Name: Liquid Crystal Polymer Supplier: Sumitomo Chemical Type: E4008, E4009, or E6008 RECOMMENDATION: - Periodically inspect the device named above for any degradation of properties and replace if degradation is found WARNING – EXPLOSION HAZARD: - Do not disconnect equipment unless power has been removed or the area is known to be non-hazardous - Substitution of any components may impair suitability for Class Ι, Division 2 ESX10-TC UL2367 Non-hazardous use - UL File # E306740 ESX10-TC UL 508 Non-hazardous use - UL File # E322549 Class 2 Meets requirement for Class 2 current limitation (ESX10-TC...-1 A/2 A/3 A/4 A/6 A) Instruction leaflet ESX10-TC Authority Standard Voltage ratings Current ratings UL UL 2367 DC 12 V 1 A…12 A UL UL 1604 DC 12 V 0.5 A…10 A UL UL 508 C22.2 No 14 DC 12 V 0.5 A…10 A TÜV ATEX 94/9/EC Annex VIII EN 60079-0 EN 60079-11 EN 60079-15 DC 12 V GL Rules VI, part 7, GL 2012, cate- gory C, EMC1 DC 12 V 1 A…10 A This device is suitable for use in Class I, Div 2, Groups A, B, C, D; TC T5; Hazardous locations or nonhazardous locations only Warnings: 1. Remove power before disconnecting device or the area is known to be nonhazardous. 2. Components substitutions may impair suitability of Class I, Div 2. 3. Chemical exposure may degrade internal relay's sealing property. Electronic Circuit Protector ESX10-TC-DC 12 V UL1604 Non-hazardous use UL File # E306740 Refer to data sheet / installation guidelines for installation and safety instructions. UL2367 UL File # E320024 UL508 Non-hazardous use UL File # E322549 E-T-A Elektrotechnische Apparate GmbH Industriestraße 2-8 · D-90518 ALTDORF GERMANY Phone: +49 9187 10-0 · Fax: +49 9187 10-397 E-Mail: info@e-t-a.de · www.e-t-a.de |
Số phần tương tự - ESX10-TC |
|
Mô tả tương tự - ESX10-TC |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |