công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESX50-S100-DC24V-1A-5A bảng dữ liệu(PDF) 2 Page - ETAL Group

tên linh kiện ESX50-S100-DC24V-1A-5A
Giải thích chi tiết về linh kiện  Current rating (1A - 10A, in whole numbers)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETAL [ETAL Group]
Trang chủ  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX50-S100-DC24V-1A-5A bảng dữ liệu(HTML) 2 Page - ETAL Group

  ESX50-S100-DC24V-1A-5A Datasheet HTML 1Page - ETAL Group ESX50-S100-DC24V-1A-5A Datasheet HTML 2Page - ETAL Group ESX50-S100-DC24V-1A-5A Datasheet HTML 3Page - ETAL Group ESX50-S100-DC24V-1A-5A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electronic Circuit Protector ESX50D-S (
ControlPlex®)
Electronic Circuit Protector ESX50D-S (
ControlPlex®)
www.e-t-a.de
2
1646
7
Technical data (Tamb = 25 °C, UB = DC – 24 V)
Technical data (Tamb = 25 °C, UB = DC – 24 V)
Temperature
internal temperature monitoring with
monitoring
electronic disconnection
disconnection
typically +100 °C
hysteresis
typically 10 °C
Operating voltage
OFF at typically UB < 16.0 V
monitoring
ON at typically UB> 17.5 V
with regard to low voltage
with automatic ON and
OFF switching
ON delay tStart
100ms* (adjustable from 100ms
to 2,500ms)
Disconnection of
load circuit
- manually on the device with the
ON/OFF switch (OFF)
- by a superordinate control unit via
communication interface
- after disconnection due to overload or
short circuit
- temporarily at undervoltage
- at excess temperature of the device
(only ESX50D-S110)
- upon changed rating adjustment
- during switch-on delay
- at no operating voltage
Leakage current in load
circuit in the OFF condition typically < 1 mA
Capacitive loads
min. 20,000 µF
Free-wheeling diode
external free-wheeling diode recommended
for inductive load
Parallel connection of
several load outputs
not allowed
General data
Fail-safe-element
integral fail-safe-element 15A
Max. rupture capacity of the element is
300 A at 24 V DC
Terminals
LINE+ / LOAD+ / GND / Ad / COM
Blade terminals
6.3 mm to EN60934-6.3-0.8
Housing material
moulded
Mounting of enclosure
plug-in type, suitable for SVS201-PWR-xx
Ambient temperature
0...+50 °C (without condensation,
cf. EN 60204-1)
Storage temperature
-40...+70 °C
Humidity
96 hrs / 95% RH 40°C to
IEC 60068-2-78-Cab
climate class 3K3 to EN 60721
Vibration
3 g, test to IEC 60068-2-6 test Fc
Degree of protection
IEC 60529, DIN VDE 0470)
operating area
IP30
terminal area
IP00
EMC requirements
emission:
EN 61000-6-3
(EMC directive, CE logo) susceptibility:
EN 61000-6-2
Insulation co-ordination
0.5 kV / pollution degree 2
(IEC 60934)
reinforced insulation in operating area
Dielectric strength
max. DC 30 V (load circuit)
Insulation resistance
n/a, only electronic disconnection
(OFF condition)
Approvals
CE logo
Dimensions (w x h x d)
12.5 x 70 x 60 mm (tolerances to
DIN ISO 286 part 1 IT13)
Mass
approx. 40 g
Type No.
ESX50D-S Electronic Circuit Breaker, with current limitation
Mounting
S
plug-in, with rotary switch for current rating adjustment
from 1 A to 10 A
Version
1 without physical isolation
Current rating adjustment
00 current rating adjustable via communication interface
10 current rating adjustable via rotary switch
Operating voltage
DC 24 V
voltage rating DC 24 V
Current rating
1 A - 10 A adjustable
ESX50 - S
1
00 - DC 24 V - 1 A-10 A ordering example
Order numbering code
Notes for installation
l
The user has to ensure that the cable cross section of the load
circuit in question complies with the current rating of the ESX50D-S
used.
l
In addition special precautions must be taken in the system
or machine (e.g. use of a safety PLC) which reliably prevent
an automatic re-start of parts of the system (cf. Machinery
Directive 2006/42/EG and EN 60204-1, Safety of Machinery). In
the event of a failure (short circuit/overload) the load circuit will be
disconnected electronically by the ESX50D-S.
Features and Benefits
l
Communication capability with superordinate control units which
are programmable from memory
l
Import and adjust parameters of the device
l
Remote control of load outputs and selective load protection,
electronic trip curve
l
All types of loads can be connected (DC 24 V motors upon
request)
l
Active current limitation when switching on capacitive loads up
to min. 20,000 µF and in case of overload/short circuit
l
Whole-number adjustable current ratings from 1A to 10 A by
means of rotary switch and superordinate control unit
l
Reliable parameterisable overload disconnection (factory setting:
1.2 x IN) even with long load lines or small cable cross sections
l
Manuel ON/OFF switch (S1)
l
Clear status indication through LED and signalling to the super-
ordinate control system
l
Integral fail-safe-element
l
Width per channel only 12.5 mm
l
Plug-in type mounting on power distribution system SVS201-
PWR-xx
* factory settings


Số phần tương tự - ESX50-S100-DC24V-1A-5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-100-DC24V-10AE ETAL-ESX10-100-DC24V-10AE Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-100-DC24V-12AE ETAL-ESX10-100-DC24V-12AE Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-100-DC24V-1AE ETAL-ESX10-100-DC24V-1AE Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-100-DC24V-2AE ETAL-ESX10-100-DC24V-2AE Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
More results

Mô tả tương tự - ESX50-S100-DC24V-1A-5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FCI connector
10114826 FCI-CONNECTOR-10114826 Datasheet
72Kb / 1P
   SPECIFICATIONS CURRENT RATING 1A AC DC
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
E-SWITCH
ST711079 E-SWITCH-ST711079 Datasheet
131Kb / 1P
   RATING: 3A @120VAC OR28VDC; 1A @ 250VAC
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
logo
Assmann Electronics Inc...
AWP-34-7241-T ASSMANN-AWP-34-7241-T Datasheet
72Kb / 1P
   Current Rating : 1Amp
AWP-34-7240-T ASSMANN-AWP-34-7240-T Datasheet
168Kb / 1P
   Current Rating : 3amp
logo
Wall Industries,Inc.
POL10-12T WALL-POL10-12T_18 Datasheet
337Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com