công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESX50-S110-DC24V-1A-10A bảng dữ liệu(PDF) 2 Page - ETAL Group |
|
ESX50-S110-DC24V-1A-10A bảng dữ liệu(HTML) 2 Page - ETAL Group |
2 / 4 page Electronic Circuit Protector ESX50D-S ( ControlPlex®) Electronic Circuit Protector ESX50D-S ( ControlPlex®) www.e-t-a.de 2 1646 7 Technical data (Tamb = 25 °C, UB = DC – 24 V) Technical data (Tamb = 25 °C, UB = DC – 24 V) Temperature internal temperature monitoring with monitoring electronic disconnection disconnection typically +100 °C hysteresis typically 10 °C Operating voltage OFF at typically UB < 16.0 V monitoring ON at typically UB> 17.5 V with regard to low voltage with automatic ON and OFF switching ON delay tStart 100ms* (adjustable from 100ms to 2,500ms) Disconnection of load circuit - manually on the device with the ON/OFF switch (OFF) - by a superordinate control unit via communication interface - after disconnection due to overload or short circuit - temporarily at undervoltage - at excess temperature of the device (only ESX50D-S110) - upon changed rating adjustment - during switch-on delay - at no operating voltage Leakage current in load circuit in the OFF condition typically < 1 mA Capacitive loads min. 20,000 µF Free-wheeling diode external free-wheeling diode recommended for inductive load Parallel connection of several load outputs not allowed General data Fail-safe-element integral fail-safe-element 15A Max. rupture capacity of the element is 300 A at 24 V DC Terminals LINE+ / LOAD+ / GND / Ad / COM Blade terminals 6.3 mm to EN60934-6.3-0.8 Housing material moulded Mounting of enclosure plug-in type, suitable for SVS201-PWR-xx Ambient temperature 0...+50 °C (without condensation, cf. EN 60204-1) Storage temperature -40...+70 °C Humidity 96 hrs / 95% RH 40°C to IEC 60068-2-78-Cab climate class 3K3 to EN 60721 Vibration 3 g, test to IEC 60068-2-6 test Fc Degree of protection IEC 60529, DIN VDE 0470) operating area IP30 terminal area IP00 EMC requirements emission: EN 61000-6-3 (EMC directive, CE logo) susceptibility: EN 61000-6-2 Insulation co-ordination 0.5 kV / pollution degree 2 (IEC 60934) reinforced insulation in operating area Dielectric strength max. DC 30 V (load circuit) Insulation resistance n/a, only electronic disconnection (OFF condition) Approvals CE logo Dimensions (w x h x d) 12.5 x 70 x 60 mm (tolerances to DIN ISO 286 part 1 IT13) Mass approx. 40 g Type No. ESX50D-S Electronic Circuit Breaker, with current limitation Mounting S plug-in, with rotary switch for current rating adjustment from 1 A to 10 A Version 1 without physical isolation Current rating adjustment 00 current rating adjustable via communication interface 10 current rating adjustable via rotary switch Operating voltage DC 24 V voltage rating DC 24 V Current rating 1 A - 10 A adjustable ESX50 - S 1 00 - DC 24 V - 1 A-10 A ordering example Order numbering code Notes for installation l The user has to ensure that the cable cross section of the load circuit in question complies with the current rating of the ESX50D-S used. l In addition special precautions must be taken in the system or machine (e.g. use of a safety PLC) which reliably prevent an automatic re-start of parts of the system (cf. Machinery Directive 2006/42/EG and EN 60204-1, Safety of Machinery). In the event of a failure (short circuit/overload) the load circuit will be disconnected electronically by the ESX50D-S. Features and Benefits l Communication capability with superordinate control units which are programmable from memory l Import and adjust parameters of the device l Remote control of load outputs and selective load protection, electronic trip curve l All types of loads can be connected (DC 24 V motors upon request) l Active current limitation when switching on capacitive loads up to min. 20,000 µF and in case of overload/short circuit l Whole-number adjustable current ratings from 1A to 10 A by means of rotary switch and superordinate control unit l Reliable parameterisable overload disconnection (factory setting: 1.2 x IN) even with long load lines or small cable cross sections l Manuel ON/OFF switch (S1) l Clear status indication through LED and signalling to the super- ordinate control system l Integral fail-safe-element l Width per channel only 12.5 mm l Plug-in type mounting on power distribution system SVS201- PWR-xx * factory settings |
Số phần tương tự - ESX50-S110-DC24V-1A-10A |
|
Mô tả tương tự - ESX50-S110-DC24V-1A-10A |