công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL345TCCZ-EP-RL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADXL345TCCZ-EP-RL7
Giải thích chi tiết về linh kiện  ADXL345-EP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL345TCCZ-EP-RL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADXL345TCCZ-EP-RL7 Datasheet HTML 1Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 2Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 3Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 4Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 5Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 6Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 7Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 8Page - Analog Devices ADXL345TCCZ-EP-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3-Axis, ±2 g/±4 g/±8 g/±16 g
Digital Accelerometer
Enhanced Product
ADXL345-EP
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power: as low as 23 µA in measurement mode and
0.1 µA in standby mode at VS = 2.5 V (typical)
Power consumption scales automatically with bandwidth
User-selectable resolution from 10 to 13 bits
4 mg/LSB scale factor in all g ranges
32-sample FIFO minimizes host processor load
Single tap, double tap, and free-fall detection
Activity/inactivity monitoring
Supply voltage range: 2.0 V to 3.6 V
I/O voltage range: 1.7 V to VS
SPI (3- and 4-wire) and I2C digital interfaces
Flexible interrupt modes mappable to either interrupt pin
Measurement ranges selectable via serial command
Bandwidth selectable via serial command
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 3 mm × 5 mm × 1 mm LGA package
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Extended industrial temperature range (−55°C to +105°C)
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
Industrial equipment
Aerospace equipment
GENERAL DESCRIPTION
The ADXL345-EP is an extended performance version of
the ADXL345, which is a small, thin, ultralow power, 3-axis
accelerometer with high resolution (13-bit) measurement at up to
±16 g. Digital output data is formatted as 16-bit twos complement
and is accessible through either a SPI (3- or 4-wire) or I2C digital
interface.
The ADXL345-EP is well suited for extended temperature range
industrial and aerospace equipment. It measures the static
acceleration of gravity in tilt-sensing applications, as well as
dynamic acceleration resulting from motion or shock. Its high
resolution (3.9 mg/LSB) enables measurement of inclination
changes less than 1.0°.
Several special sensing functions are provided. Activity and
inactivity sensing detect the presence or lack of motion by
comparing the acceleration on any axis with user-set thresholds.
Tap sensing detects single and double taps in any direction. Free-
fall sensing detects if the device is falling. These functions can
be mapped individually to either of two interrupt output pins.
An integrated memory management system with a 32-level first in,
first out (FIFO) buffer can be used to store data to minimize host
processor activity and lower overall system power consumption.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL345-EP is supplied in a small, thin, 3 mm × 5 mm ×
1 mm, 14-lead, enhanced plastic package.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL345-EP
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32 LEVEL
FIFO
CS
Figure 1.


Số phần tương tự - ADXL345TCCZ-EP-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

Mô tả tương tự - ADXL345TCCZ-EP-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
   ADXL345 Quickstart Guide
2/12/2015
logo
YUXIANG Magnetc materia...
EP7 YUXIANG-EP7 Datasheet
105Kb / 2P
   EP Core
logo
Fair-Rite Products Corp...
6578070121 FAIR-RITE-6578070121 Datasheet
513Kb / 1P
   EP Cores
6578200121 FAIR-RITE-6578200121 Datasheet
514Kb / 1P
   EP Cores
6595100121 FAIR-RITE-6595100121 Datasheet
513Kb / 1P
   EP Cores
6595130121 FAIR-RITE-6595130121 Datasheet
512Kb / 1P
   EP Cores
6578170121 FAIR-RITE-6578170121 Datasheet
513Kb / 1P
   EP Cores
6598100121 FAIR-RITE-6598100121 Datasheet
513Kb / 1P
   EP Cores
6578130121 FAIR-RITE-6578130121 Datasheet
514Kb / 1P
   EP Cores
6595070121 FAIR-RITE-6595070121 Datasheet
513Kb / 1P
   EP Cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com