công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9164-FMCC-EBZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD9164-FMCC-EBZ
Giải thích chi tiết về linh kiện  DAC update rate up to 12 GSPS
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9164-FMCC-EBZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD9164-FMCC-EBZ Datasheet HTML 1Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 2Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 3Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 4Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 5Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 6Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 7Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 8Page - Analog Devices AD9164-FMCC-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
16-Bit, 12 GSPS,
RF DAC and Direct Digital Synthesizer
Data Sheet
AD9164
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
DAC update rate up to 12 GSPS (minimum)
Direct RF synthesis at 6 GSPS (minimum)
DC to 2.5 GHz in baseband mode
DC to 6 GHz in 2× nonreturn-to-zero (NRZ) mode
1.5 GHz to 7.5 GHz in Mix-Mode
Bypassable interpolation
2×, 3×, 4×, 6×, 8×, 12×, 16×, 24×
Excellent dynamic performance
APPLICATIONS
Broadband communications systems
DOCSIS 3.1 cable modem termination system (CMTS)/
video on demand (VOD)/edge quadrature amplitude
modulation (EQAM)
Wireless communications infrastructure
W-CDMA, LTE, LTE-A, point to point
GENERAL DESCRIPTION
The AD91641 is a high performance, 16-bit digital-to-analog
converter (DAC) and direct digital synthesizer (DDS) that
supports update rates to 6 GSPS. The DAC core is based on a
quad-switch architecture coupled with a 2× interpolator filter
that enables an effective DAC update rate of up to 12 GSPS in
some modes. The high dynamic range and bandwidth makes
these DACs ideally suited for the most demanding high speed
radio frequency (RF) DAC applications.
The DDS consists of a bank of 32, 32-bit numerically controlled
oscillators (NCOs), each with its own phase accumulator.
When combined with a 100 MHz serial peripheral interface (SPI)
and fast hop modes, phase coherent fast frequency hopping (FFH)
is enabled, with several modes to support multiple applications.
In baseband mode, wide analog bandwidth capability combines
with high dynamic range to support DOCSIS 3.1 cable infrastruc-
ture compliance from the minimum of one carrier up to the full
maximum spectrum of 1.791 GHz of signal bandwidth. A 2×
interpolator filter (FIR85) enables the AD9164 to be configured
for lower data rates and converter clocking to reduce the overall
system power and ease the filtering requirements. In Mix-Mode™
operation, the AD9164 can reconstruct RF carriers in the second
and third Nyquist zones up to 7.5 GHz while still maintaining
exceptional dynamic range. The output current can be programmed
from 8 mA to 38.76 mA. The AD9164 data interface consists of
up to eight JESD204B serializer/deserializer (SERDES) lanes
that are programmable in terms of lane speed and number of
lanes to enable application flexibility.
An SPI interface configures the AD9164 and monitors the status of
all registers. The AD9164 is offered in an 165-ball, 8 mm × 8 mm,
0.5 mm pitch CSP_BGA package, and an 169-ball, 11 mm × 11 mm,
0.8 mm pitch, CSP_BGA package, including a leaded ball option.
PRODUCT HIGHLIGHTS
1. High dynamic range and signal reconstruction bandwidth
supports RF signal synthesis of up to 7.5 GHz.
2. Up to eight lanes JESD204B SERDES interface flexible in
terms of number of lanes and lane speed.
3. Bandwidth and dynamic range to meet DOCSIS 3.1
compliance and multiband wireless communications
standards with margin.
FUNCTIONAL BLOCK DIAGRAM
HB
HB
JESD
HB
2×,
4×,
INV
SINC
SDO
SDIO
SCLK
CS
SPI
DAC
CORE
SERDIN0±
SERDIN7±
SYSREF±
SYNCOUT±
CLOCK
DISTRIBUTION
CLK±
AD9164
TO JESD
TO DATAPATH
TX_ENABLE
OUTPUT±
RESET
IRQ
VREF
ISET VREF
NCO
HB
NRZ RZ MIX
Figure 1.
1
Protected by U.S. Patents 6,842,132 and 7,796,971.


Số phần tương tự - AD9164-FMCC-EBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161-FMCC-EBZ AD-AD9161-FMCC-EBZ Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZ AD-AD9161BBCZ Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9161BBCZRL AD-AD9161BBCZRL Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9162 AD-AD9162 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
More results

Mô tả tương tự - AD9164-FMCC-EBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9163 AD-AD9163 Datasheet
2Mb / 124P
   DAC update rate up to 12 GSPS
logo
Maxim Integrated Produc...
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
logo
Analog Devices
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
logo
Texas Instruments
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
[Old version datasheet]   AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com