công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14002BD bảng dữ liệu(PDF) 8 Page - Motorola, Inc |
|
MC14002BD bảng dữ liệu(HTML) 8 Page - Motorola, Inc |
8 / 11 page MOTOROLA CMOS LOGIC DATA MC14001B 14 TYPICAL B–SERIES GATE CHARACTERISTICS N–CHANNEL DRAIN CURRENT (SINK) P–CHANNEL DRAIN CURRENT (SOURCE) – 40 °C + 85 °C + 125 °C Figure 2. VGS = 5.0 Vdc Figure 3. VGS = – 5.0 Vdc 1.0 3.0 5.0 4.0 2.0 0 1.0 3.0 5.0 4.0 2.0 0 VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc) – 1.0 0 0 TA = – 55°C Figure 4. VGS = 10 Vdc Figure 5. VGS = – 10 Vdc 16 14 12 10 8.0 6.0 4.0 2.0 0 5.0 3.0 1.0 10 8.0 6.0 4.0 2.0 0 0 0 Figure 6. VGS = 15 Vdc Figure 7. VGS = – 15 Vdc 0 0 0 0 – 40 °C + 25 °C + 85 °C + 125 °C – 1.0 – 3.0 – 5.0 – 4.0 – 2.0 VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc) TA = – 55°C + 25 °C TA = – 55°C – 40 °C + 25 °C + 85 °C + 125 °C VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc) VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc) VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc) VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc) TA = – 55°C – 40 °C + 25 °C + 85 °C + 125 °C 18 20 9.0 7.0 – 5.0 – 3.0 – 1.0 – 10 – 8.0 – 6.0 – 4.0 – 2.0 – 9.0 – 7.0 – 40 – 35 – 30 – 25 – 20 – 15 – 10 – 5.0 – 45 – 50 10 6.0 2.0 20 16 12 8.0 4.0 18 14 TA = – 55°C – 40 °C + 25 °C + 85 °C – 10 – 6.0 – 2.0 – 20 – 16 – 12 – 8.0 – 4.0 – 18 – 14 – 80 – 70 – 60 – 50 – 40 – 30 – 20 – 10 – 90 – 100 40 35 30 25 20 15 10 5.0 45 50 TA = – 55°C – 40 °C + 25 °C + 85 °C – 2.0 – 3.0 – 4.0 – 5.0 – 6.0 – 7.0 – 8.0 – 9.0 – 10 + 125 °C + 125 °C These typical curves are not guarantees, but are design aids. Caution: The maximum rating for output current is 10 mA per pin. |
Số phần tương tự - MC14002BD |
|
Mô tả tương tự - MC14002BD |