công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS-BGA365A-05 bảng dữ liệu(PDF) 1 Page - Ironwood Electronics.

tên linh kiện LS-BGA365A-05
Giải thích chi tiết về linh kiện  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA365A-05 bảng dữ liệu(HTML) 1 Page - Ironwood Electronics.

  LS-BGA365A-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A1
1
2
1
0-80 Threaded Insert
3.2
[0.125"]
1 typ.
[0.039"]
21 [0.827"]
30.7 [1.210"]
2.7 [0.108"]
2.5 [0.098"]
21
[0.827"]
2.4
[0.093"]
2.5
[0.098"]
30.7
[1.210"]
Ø 0.4826mm typ.[Ø 0.019"]
25.7
[1.013"]
25.7
[1.012"]
2
2.4
[0.095"]
0.2]±0.0005" [0.008"]
2.54
[0.100"]
5.08
[0.200"]
Side View
Top View
Description: Thru hole Adaptor
365 position surface mount land pattern to terminal pins (1mm centers, 22x22 array). To be used with GHz sockets.
Status: Released
Drawing: S. Huang
Scale: 3:1
Rev: A
Date: 1/20/2012
Modified:
File: LS-BGA365A-05 Dwg
LS-BGA365A-05 Drawing
© 2012 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
Substrate: 3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material. Non-clad.
Mod
Rev.
1.


Số phần tương tự - LS-BGA365A-05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
LS-BGA360A-31 IRONWOOD-LS-BGA360A-31 Datasheet
33Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA361A-31 IRONWOOD-LS-BGA361A-31 Datasheet
34Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA361E-05 IRONWOOD-LS-BGA361E-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA361E-61 IRONWOOD-LS-BGA361E-61 Datasheet
36Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA363A-05 IRONWOOD-LS-BGA363A-05 Datasheet
39Kb / 1P
   Materials and specifications are subject to change without notice
More results

Mô tả tương tự - LS-BGA365A-05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com