công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD627AR-REEL7 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD627AR-REEL7
Giải thích chi tiết về linh kiện  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD627AR-REEL7 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD627AR-REEL7 Datasheet HTML 2Page - Analog Devices AD627AR-REEL7 Datasheet HTML 3Page - Analog Devices AD627AR-REEL7 Datasheet HTML 4Page - Analog Devices AD627AR-REEL7 Datasheet HTML 5Page - Analog Devices AD627AR-REEL7 Datasheet HTML 6Page - Analog Devices AD627AR-REEL7 Datasheet HTML 7Page - Analog Devices AD627AR-REEL7 Datasheet HTML 8Page - Analog Devices AD627AR-REEL7 Datasheet HTML 9Page - Analog Devices AD627AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD627
Rev. E | Page 5 of 24
DUAL SUPPLY
Typical at 25°C dual supply, VS = ±5 V and ±15 V, and RL = 20 kΩ, unless otherwise noted.
Table 2.
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = +5 + (200 kΩ/RG)
Gain Range
5
1000
5
1000
V/V
Gain Error1
VOUT = (−VS) + 0.1 to
(+VS) − 0.15
G = +5
0.03
0.10
0.01
0.06
%
G = +10
0.15
0.35
0.10
0.25
%
G = +100
0.15
0.35
0.10
0.25
%
G = +1000
0.50
0.70
0.25
0.35
%
Nonlinearity
G = +5
VS = ±5 V/±15 V
10/25
100
10/25
100
ppm
G = +100
VS = ±5 V/±15 V
10/15
100
10/15
100
ppm
Gain vs. Temperature1
G = +5
10
20
10
20
ppm/°C
G > +5
–75
−75
ppm/°C
VOLTAGE OFFSET
Total RTI error =
VOSI + VOSO/G
Input Offset, VOSI2
25
200
25
125
µV
Over Temperature
VCM = VREF = 0 V
395
190
µV
Average TC
0.1
3
0.1
1
µV/°C
Output Offset, VOSO
1000
500
µV
Over Temperature
1700
1100
µV
Average TC
2.5
10
2.5
10
µV/°C
Offset Referred to the Input
vs. Supply (PSRR)
G = +5
86
100
86
100
dB
G = +10
100
120
100
120
dB
G = +100
110
125
110
125
dB
G = +1000
110
125
110
125
dB
INPUT CURRENT
Input Bias Current
2
10
2
10
nA
Over Temperature
15
15
nA
Average TC
20
20
pA/°C
Input Offset Current
0.3
1
0.3
1
nA
Over Temperature
5
5
nA
Average TC
5
5
pA/°C
INPUT
Input Impedance
Differential
20||2
20||2
GΩ||pF
Common Mode
20||2
20||2
GΩ||pF
Input Voltage Range3
VS = ±1.1 V to ±18 V
(−VS) − 0.1
(+VS) − 1
(−VS) − 0.1
(+VS) − 1
V
Common-Mode Rejection
Ratio3 DC to 60 Hz with
1 kΩ Source Imbalance
G = +5 to +1000
VS = ±5 V, VCM =
−4 V to +3.0 V
77
90
83
96
dB
G = +5 to +1000
VS = ±15 V, VCM =
−12 V to +10.9 V
77
90
83
96
dB
OUTPUT
Output Swing
RL = 20 kΩ
(−VS) + 25
(+VS) − 70
(−VS) + 25
(+VS) − 70
mV
RL = 100 kΩ
(−VS) + 7
(+VS) − 25
(−VS) + 7
(+VS) − 25
mV
Short-Circuit Current
Short circuit to ground
±25
±25
mA


Số phần tương tự - AD627AR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD627AR-REEL7 AD-AD627AR-REEL7 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627AR-REEL7 AD-AD627AR-REEL7 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
More results

Mô tả tương tự - AD627AR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com