công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD526JN bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD526JN
Giải thích chi tiết về linh kiện  Software Programmable Gain Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD526JN bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD526JN Datasheet HTML 1Page - Analog Devices AD526JN Datasheet HTML 2Page - Analog Devices AD526JN Datasheet HTML 3Page - Analog Devices AD526JN Datasheet HTML 4Page - Analog Devices AD526JN Datasheet HTML 5Page - Analog Devices AD526JN Datasheet HTML 6Page - Analog Devices AD526JN Datasheet HTML 7Page - Analog Devices AD526JN Datasheet HTML 8Page - Analog Devices AD526JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD526
AD526J
AD526A
AD526B/S
AD526C
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
NOISE, ALL GAINS
Voltage Noise, RTI
0.1 Hz to 10 Hz
3
3
3
3
µV p-p
Voltage Noise Density, RTI
f = 10 Hz
70
70
70
70
nV
√Hz
f = 100 Hz
60
60
60
60
nV
√Hz
f = 1 kHz
30
30
30
30
nV
√Hz
f = 10 kHz
25
25
25
35
nV
√Hz
DYNAMIC RESPONSE
–3 dB Bandwidth (Small Signal)
G = 1
4.0
4.0
4.0
4.0
MHz
G = 2
2.0
2.0
2.0
2.0
MHz
G = 4
1.5
1.5
1.5
1.5
MHz
G = 8
0.65
0.65
0.65
0.65
MHz
G = 16
0.35
0.35
0.35
0.35
MHz
Signal Settling Time to 0.01%
(
∆V
OUT = ± 10 V)
G = 1
2.1
4
2.1
4
2.1
4
2.1
4
µs
G = 2
2.5
5
2.5
5
2.5
5
2.5
5
µs
G = 4
2.7
5
2.7
5
2.7
5
2.7
5
µs
G = 8
3.6
7
3.6
7
3.6
7
3.6
7
µs
G = 16
4.1
7
4.1
7
4.1
7
4.1
7
µs
Full Power Bandwidth
G = 1, 2, 4
0.10
0.10
0.10
0.10
MHz
G = 8, 16
0.35
0.35
0.35
0.35
MHz
Slew Rate
G = 1, 2, 4
4
6
4
6
4
6
4
6V/
µs
G = 8, 16
18
24
18
24
18
24
18
24
V/
µs
DIGITAL INPUTS
(TMIN to TMAX)
Input Current (VH = 5 V)
60
100
140
60
100
140
60
100
140
60
100
140
µA
Logic “1”
2
6
2
6
2
6
2
6
V
Logic “0”
0
0.8
0
0.8
0
0.8
0
0.8
V
TIMING
1
(VL = 0.2 V, VH = 3.7 V)
A0, A1, A2
TC
50
50
50
50
ns
TS
30
30
30
30
ns
TH
30
30
30
30
ns
B
TC
50
50
50
50
ns
TS
40
40
40
40
ns
TH
10
10
10
30
ns
TEMPERATURE RANGE
Specified Performance
0
+70
–40
+85
–40/–55
+85/+125 –40
+85
°C
Storage
–65
+125
–65
+150
–65
+150
–65
+150
°C
POWER SUPPLY
Operating Range
4.5
16.5
4.5
16.5
4.5
16.5
4.5
16.5
V
Positive Supply Current
10
14
10
14
10
14
10
14
mA
Negative Supply Current
10
13
10
13
10
13
10
13
mA
PACKAGE OPTIONS
Plastic (N-16)
AD526JN
Ceramic DIP (D-16)
AD526AD
AD526BD AD526SD
AD526CD
AD526SD/883B
NOTES
1Refer to Figure 25 for definitions. FSR = Full Scale Range = 20 V. RTI = Referred to Input.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. All min and max specifications are guaranteed, although only those shown in
boldface are tested on all production units.
–3–
REV. D


Số phần tương tự - AD526JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD526JN AD-AD526JN Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JN AD-AD526JN Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JN AD-AD526JN Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JN AD-AD526JN Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
More results

Mô tả tương tự - AD526JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD526 AD-AD526_15 Datasheet
466Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com