công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M060300 bảng dữ liệu(PDF) 1 Page - E-SWITCH |
|
M060300 bảng dữ liệu(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY R6ABLKBLKAF 2:1 10/25/2001 M060300 B CJB 1 1 RECOMMENDED P.C.B. PANEL MOUNTING PANEL THICKNESS X 0.75-1.25 19.2 1.25-2.00 19.4 2.00-3.00 19.6 1 1a 1 1a 2.00 [.079 in] 6.2 [.24 in] 7.0 [.276 in] 4.60 [.181 in] .80 [.031 in] 6.50 [.256 in] 18.90 [.744 in] 4.76 [.187 in] 4.50 [.177 in] 1.00 [.039 in] 1.50 [.059 in] 21.00 [.827 in] 15.50 [.610 in] 9.60 [.378 in] 4.00 [.157 in] 2.70 [.106 in] 2.20 [.087 in] A 11383 NEW RELEASE 10/25/01 CJB CIRCUIT: SPST 1 1a NOTES: 1. ALL DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X= 0.4 X.XX= 0.25 3. TERM. NOS. FOR REF. ONLY 4. RATING: 4(1)A 250VAC, 10A 125VAC, 6A 250VAC 5. MATERIAL: BODY & ROCKER, NYLON 6/6 UL94 V-2 6. DENOTES CRITICAL PARAMETER. 15.3 [.602 in] B 22536 UPDATED DIMENSIONS 10/7/16 MJR ACTUATOR COLOR BLACK HOUSING COLOR BLACK X 7.00 .05 .276 .002 in [ ] 6.90 [.272 in] POS. 1 POS. 2 POS. 3 SWITCH FUNCTION NONE OFF ON OPEN N/A 1-1a POSITION 1 POSITION 3 |
Số phần tương tự - M060300 |
|
Mô tả tương tự - M060300 |