công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7404D bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
SN7404D bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 10 page SN5404, SN54LS04, SN54S04, SN7404, SN74LS04, SN74S04 HEX INVERTERS SDLS029B – DECEMBER 1983 – REVISED FEBRUARY 2002 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI: ’04, ’S04 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ’LS04 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. This are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions SN5404 SN7404 SN5404 SN7404 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IOH High-level output current –0.4 –0.4 mA IOL Low-level output current 16 16 mA TA Operating free-air temperature – 55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS‡ SN5404 SN7404 UNIT PARAMETER TEST CONDITIONS‡ MIN TYP§ MAX MIN TYP§ MAX UNIT VIK VCC = MIN, II = – 12 mA – 1.5 – 1.5 V VOH VCC = MIN, VIL = 0.8 V, IOH = –0.4 mA 2.4 3.4 2.4 3.4 V VOL VCC = MIN, VIH = 2 V, IOL = 16 mA 0.2 0.4 0.2 0.4 V II VCC = MAX, VI = 5.5 V 1 1 mA IIH VCC = MAX, VI = 2.4 V 40 40 µA IIL VCC = MAX, VI = 0.4 V – 1.6 – 1.6 mA IOS¶ VCC = MAX –20 –55 –18 –55 mA ICCH VCC = MAX, VI = 0 V 6 12 6 12 mA ICCL VCC = MAX, VI = 4.5 V 18 33 18 33 mA ‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. § All typical values are at VCC = 5 V, TA = 25°C. ¶ Not more than one output should be shorted at a time. switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS SN5404 SN7404 UNIT (INPUT) (OUTPUT) MIN TYP MAX tPLH A Y RL = 400 Ω CL =15 pF 12 22 ns tPHL A Y RL = 400 Ω, CL = 15 F 8 15 ns |
Số phần tương tự - SN7404D |
|
Mô tả tương tự - SN7404D |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |