công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145706P bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC145706P
Giải thích chi tiết về linh kiện  5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145706P bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC145706P Datasheet HTML 1Page - Motorola, Inc MC145706P Datasheet HTML 2Page - Motorola, Inc MC145706P Datasheet HTML 3Page - Motorola, Inc MC145706P Datasheet HTML 4Page - Motorola, Inc MC145706P Datasheet HTML 5Page - Motorola, Inc MC145706P Datasheet HTML 6Page - Motorola, Inc MC145706P Datasheet HTML 7Page - Motorola, Inc MC145706P Datasheet HTML 8Page - Motorola, Inc MC145706P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC145705
•MC145706•MC145707
MOTOROLA
5
DRIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 5 V ± 10%; C1 – C4 = 10 µF; TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Digital Input Voltage
DI1 – DI3
Logic Low
Logic High
VIL
VIH
2
0.8
V
Input Current
DI1 – DI3
VDI = GND
VDI = VCC
IIL
IIH
7
± 1.0
µA
Output High Voltage
Tx1 – Tx3
(VDI1 – DI3 = Logic Low, RL = 3 kΩ)
Tx1 – Tx6*
VOH
6
5
7.5
6.5
V
Output Low Voltage
Tx1 – Tx3
(VDI1 – DI3 = Logic High, RL = 3 kΩ)
Tx1 – Tx6*
VOL
– 6
– 5
– 7.5
– 6.5
V
Off Source Impedance
Tx1 – Tx3
Zoff
300
Output Short Circuit Current (VCC = 5.5 V)
Tx1 – Tx3 Shorted to GND**
Tx1 – Tx3 Shorted to
± 15 V***
ISC
± 60
± 100
mA
* Specifications for a MC14570X powering a MC145406 or MC145403 with three additional drivers/receivers.
** Specification is for one Tx output to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation
limits could be exceeded.
*** This condition could exceed package limitations.
SWITCHING CHARACTERISTICS (VCC = + 5 V, ± 10%; C1 – C4 = 10 µF; TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Drivers
Propagation Delay Time
Tx1 – Tx3
Low–to–High
(RL = 3 kΩ, CL = 50 pF or 2500 pF)
tPLH
0.5
1
µs
High–to–Low
(RL = 3 kΩ, CL = 50 pF or 2500 pF)
tPHL
0.5
1
Output Slew Rate
Tx1 – Tx3
Minimum Load (RL = 7 kΩ, CL = 0 pF)
SR
± 6
± 30
V/
µs
Maximum Load (RL = 3 kΩ, CL = 2500 pF)
± 5
Output Disable Time
tDAZ
4
10
µs
Output Enable Time
tDZA
25
50
ms
Receivers
Propagation Delay Time
DO1 – DO3
Low–to–High
tPLH
1
µs
High–to–Low
tPHL
1
Output Rise Time
DO1 – DO3
tr
250
400
ns
Output Fall Time
DO1 – DO3
tf
40
100
ns
Output Disable Time
tRAZ
4
10
µs
Output Enable Time
tRZA
25
50
ms
TRUTH TABLE
Drivers
DI
TxEN
STB
Tx
X
X
H
Z*
X
L
L
L
H
H
L
L
L
H
L
H
* VSS ≤ VTx ≤ VDD
X = Don’t Care
Receivers
Rx
STB
DO
X
H
Z*
H
L
L
L
L
H
* GND
≤ VDO ≤ VCC
X = Don’t Care


Số phần tương tự - MC145706P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results

Mô tả tương tự - MC145706P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
   INTERGRATED DTMF RECEIVER
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com