công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145149DW bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC145149DW
Giải thích chi tiết về linh kiện  Dual PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145149DW bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC145149DW Datasheet HTML 4Page - Motorola, Inc MC145149DW Datasheet HTML 5Page - Motorola, Inc MC145149DW Datasheet HTML 6Page - Motorola, Inc MC145149DW Datasheet HTML 7Page - Motorola, Inc MC145149DW Datasheet HTML 8Page - Motorola, Inc MC145149DW Datasheet HTML 9Page - Motorola, Inc MC145149DW Datasheet HTML 10Page - Motorola, Inc MC145149DW Datasheet HTML 11Page - Motorola, Inc MC145149DW Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC145149
MOTOROLA
9
the desired operating frequency, should be connected as
shown in Figure 10.
For VDD = 5.0 V, the crystal should be specified for a load-
ing capacitance, CL, which does not exceed 32 pF for fre-
quencies to approximately 8 MHz, 20 pF for frequencies in
the area of 8 to 15 MHz, and 10 pF for higher frequencies.
These are guidelines that provide a reasonable compromise
between IC capacitance, drive capability, swamping varia-
tions in stray and IC input/output capacitance, and realistic
CL values. The shunt load capacitance, CL, presented
across the crystal can be estimated to be:
CL =
CinCout
Cin + Cout
+ Ca + CO +
C1 C2
C1 + C2
where
Cin = 5 pF (see Figure 11)
Cout = 6 pF (see Figure 11)
Ca = 1 pF (see Figure 11)
CO= the crystal’s holder capacitance (see Figure 12)
C1 and C2 = external capacitors (see Figure 10)
The oscillator can be “trimmed” on–frequency by making a
portion or all of C1 variable. The crystal and associated com-
ponents must be located as close as possible to the OSCin
and OSCout pins to minimize distortion, stray capacitance,
stray inductance, and startup stabilization time. In some
cases, stray capacitance should be added to the value for Cin
and Cout.
Power is dissipated in the effective series resistance of the
crystal, Re, in Figure 12. The drive level specified by the crys-
tal manufacturer is the maximum stress that a crystal can
withstand without damaging or excessive shift in frequency.
R1 in Figure 10 limits the drive level. The use of R1 may not
be necessary in some cases (i.e., R1 = 0
Ω).
To verify that the maximum dc supply voltage does not
overdrive the crystal, monitor the output frequency as a func-
tion of voltage at OSCout. (Care should be taken to minimize
loading.) The frequency should increase very slightly as the
dc supply voltage is increased. An overdriven crystal will de-
crease in frequency or become unstable with an increase in
supply voltage. The operating supply voltage must be re-
duced or R1 must be increased in value if the overdriven
condition exists. The user should note that the oscillator
start–up time is proportional to the value of R1.
Through the process of supplying crystals for use with
CMOS inverters, many crystal manufacturers have devel-
oped expertise in CMOS oscillator design with crystals. Dis-
cussions with such manufacturers can prove very helpful
(see Table 1).
Figure 10. Pierce Crystal Oscillator Circuit
R1*
OSCout
C2
C1
Rf
FREQUENCY
SYNTHESIZER
* May be deleted in certain cases. See text.
OSCin
Figure 11. Parasitic Capacitances of the Amplifier
Cin
Cout
Ca
NOTE: Values are supplied by crystal manufacturer
(parallel resonant crystal).
2
1
2
1
2
1
RS
LS
CS
Re
Xe
CO
Figure 12. Equivalent Crystal Networks
RECOMMENDED READING
Technical Note TN–24, Statek Corp.
Technical Note TN–7, Statek Corp.
E. Hafner, “The Piezoelectric Crystal Unit – Definitions and
Method of Measurement”,
Proc. IEEE, Vol. 57, No. 2 Feb.,
1969.
D. Kemper, L. Rosine, “Quartz Crystals for Frequency
Control”,
Electro–Technology, June, 1969.
P. J. Ottowitz, “A Guide to Crystal Selection”,
Electronic
Design, May, 1966.
Table 1. Partial List of Crystal Manufacturers
Name
Address
Phone
United States Crystal Corp.
Crystek Crystal
Statek Corp.
3605 McCart Ave., Ft. Worth, TX 76110
2351 Crystal Dr., Ft. Myers, FL 33907
512 N. Main St., Orange, CA 92668
(817) 921–3013
(813) 936–2109
(714) 639–7810
NOTE: Motorola cannot recommend one supplier over another and in no way suggests that this is a complete
listing of crystal manufacturers.


Số phần tương tự - MC145149DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14514 ONSEMI-MC14514 Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
More results

Mô tả tương tự - MC145149DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com