công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145149P bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC145149P
Giải thích chi tiết về linh kiện  Dual PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145149P bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC145149P Datasheet HTML 1Page - Motorola, Inc MC145149P Datasheet HTML 2Page - Motorola, Inc MC145149P Datasheet HTML 3Page - Motorola, Inc MC145149P Datasheet HTML 4Page - Motorola, Inc MC145149P Datasheet HTML 5Page - Motorola, Inc MC145149P Datasheet HTML 6Page - Motorola, Inc MC145149P Datasheet HTML 7Page - Motorola, Inc MC145149P Datasheet HTML 8Page - Motorola, Inc MC145149P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC145149
MOTOROLA
3
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Rating
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 10
V
Vin, Vout
Input or Output Voltage (DC or Transient)
except SW1, SW2
– 0.5 to VDD + 0.5
V
Vout
Output Voltage (DC or Transient) — SW1,
SW2
– 0.5 to 15
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
IDD, ISS
Supply Current, VDD or VSS Pins
± 30
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature (8–Second Soldering)
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Power Dissipation Temperature Derating:
Plastic DIP: – 12 mW/
°C from 65 to 85°C
SOG Package: – 7 mW/
°C from 65 to 85°C
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VDD
Power Supply Voltage Range
3
9
3
9
3
9
V
VOL
Output Voltage
0 Level
Vin = 0 V or VDD
Iout = 0 µA
3
5
9
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH
1 Level
3
5
9
2.95
4.95
8.95
2.95
4.95
8.95
2.95
4.95
8.95
VIL
Input Voltage
0 Level
Vout = 0.5 V or VDD – 0.5 V
(All Outputs Except OSCout)
3
5
9
0.9
1.5
2.7
0.9
1.5
2.7
0.9
1.5
2.7
V
VIH
1 Level
3
5
9
2.1
3.5
6.3
2.1
3.5
6.3
2.1
3.5
6.3
IOH
Output Current — MC1, MC2
Vout = 2.7 V
Source
Vout = 4.6 V
Vout = 8.5 V
3
5
9
– 0.60
– 0.90
– 1.50
– 0.50
– 0.75
– 1.25
– 0.30
– 0.50
– 0.80
mA
IOL
Vout = 0.3 V
Sink
Vout = 0.4 V
Vout = 0.5 V
3
5
9
1.30
1.90
3.80
1.10
1.70
3.30
0.66
1.08
2.10
IOL
Output Current — SW1, SW2
Vout = 0.3 V
Sink
Vout = 0.4 V
Vout = 0.5 V
3
5
9
0.80
1.50
3.50
0.48
0.90
2.10
0.24
0.45
1.50
mA
IOH
Output Current — Other Outputs
Vout = 2.7 V
Source
Vout = 4.6 V
Vout = 8.5 V
3
5
9
– 0.44
– 0.64
– 1.30
– 0.35
– 0.51
– 1.00
– 0.22
– 0.36
– 0.70
mA
IOL
Vout = 0.3 V
Sink
Vout = 0.4 V
Vout = 0.5 V
3
5
9
0.44
0.64
1.30
0.35
0.51
1.00
0.22
0.36
0.70
Iin
Input Current — DATA, CLK, ENB
9
± 0.3
± 0.1
± 1.0
µA
Iin
Input Current — fin, OSCin
9
± 50
± 25
± 22
µA
(continued)
This device contains circuitry to protect
against damage due to high static voltages or
electric fields, however, it is advised that normal
precautions be taken to avoid applications of any
voltage higher than maximum rated voltages to
this high–impedance circuit. For proper opera-
tion, it is recommended that Vin and Vout be
constrained
to
the
range
VSS ≤ (Vin or
Vout) ≤ VDD except SW1 and SW2 which may
range up to 15 V.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs should be left floating.


Số phần tương tự - MC145149P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14514 ONSEMI-MC14514 Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
More results

Mô tả tương tự - MC145149P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com