công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145053D bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145053D
Giải thích chi tiết về linh kiện  10-Bit A/D Concerter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145053D bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145053D Datasheet HTML 1Page - Motorola, Inc MC145053D Datasheet HTML 2Page - Motorola, Inc MC145053D Datasheet HTML 3Page - Motorola, Inc MC145053D Datasheet HTML 4Page - Motorola, Inc MC145053D Datasheet HTML 5Page - Motorola, Inc MC145053D Datasheet HTML 6Page - Motorola, Inc MC145053D Datasheet HTML 7Page - Motorola, Inc MC145053D Datasheet HTML 8Page - Motorola, Inc MC145053D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MC145053
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS DEVICE DATA
1
10Bit A/D Converter
with Serial Interface
CMOS
This ratiometric 10-bit ADC has a serial interface port to provide communi-
cation with MCUs and MPUs.
Either a 10- or 16-bit format can be used. The
16-bit format can be one continuous 16-bit stream or two intermittent 8-bit
streams. The converter operates from a single power supply with no external
trimming required. Reference voltages down to 4.0 V are accommodated.
The MC145053 has an internal clock oscillator to operate the dynamic A/D
conversion sequence and an end-of-conversion (EOC) output.
• 5 Analog Input Channels with Internal Sample-and-Hold
• Operating Temperature Range: – 40 to 125° C
• Successive Approximation Conversion Time: 44 µs Maximum
• Maximum Sample Rate: 20.4 ks/s
• Analog Input Range with 5-Volt Supply: 0 to 5 V
• Monotonic with No Missing Codes
• Direct Interface to Motorola SPI and National MICROWIRE Serial Data
Ports
• Digital Inputs/Outputs are TTL, NMOS, and CMOS Compatible
• Low Power Consumption: 14 mW
• Chip Complexity: 1630 Elements (FETs, Capacitors, etc.)
• See Application Note AN1062 for Operation with QSPI
BLOCK DIAGRAM
SUCCESSIVE APPROXIMATION
REGISTER
2
3
4
5
6
12
11
1
10
13
10-BIT RC DAC
WITH SAMPLE AND HOLD
DATA REGISTER
98
VAG
Vref
AUTO-ZEROED
COMPARATOR
MUX ADDRESS
REGISTER
DIGITAL CONTROL
LOGIC
INTERNAL
TEST
VOLTAGES
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
CS
Din
Dout
SCLK
EOC
MUX OUT
PIN 14 = VDD
PIN 7 = VSS
ANALOG
MUX
MICROWIRE is a trademark of National Semiconductor Corp.
Order this document
by MC145053/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145053
P SUFFIX
PLASTIC
CASE 646
D SUFFIX
SOG
CASE 751A
ORDERING INFORMATION
MC145053P
Plastic DIP
MC145053D
SOG Package
11
12
13
14
8
9
10
5
4
3
2
1
7
6
CS
Dout
Din
SCLK
VDD
VAG
Vref
AN2
AN1
AN0
EOC
VSS
AN4
AN3
© Motorola, Inc. 1998
REV 2
1/99


Số phần tương tự - MC145053D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145053D LANSDALE-MC145053D Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
MC145053D LANSDALE-MC145053D Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
More results

Mô tả tương tự - MC145053D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com