công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145053P bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC145053P
Giải thích chi tiết về linh kiện  10-Bit A/D Concerter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145053P bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC145053P Datasheet HTML 1Page - Motorola, Inc MC145053P Datasheet HTML 2Page - Motorola, Inc MC145053P Datasheet HTML 3Page - Motorola, Inc MC145053P Datasheet HTML 4Page - Motorola, Inc MC145053P Datasheet HTML 5Page - Motorola, Inc MC145053P Datasheet HTML 6Page - Motorola, Inc MC145053P Datasheet HTML 7Page - Motorola, Inc MC145053P Datasheet HTML 8Page - Motorola, Inc MC145053P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC145053
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS DEVICE DATA
4
AC ELECTRICAL CHARACTERISTICS
(Full Temperature and Voltage Ranges per Operation Ranges Table)
Figure
Symbol
Parameter
Guaranteed
Limit
Unit
1
f
Clock Frequency, SCLK
(10-bit xfer) Min
(11- to 16-bit xfer) Min
Note: Refer to twH, twL below
(10- to 16-bit xfer) Max)
0
Note 1
2.1
MHz
1
twH
Minimum Clock High Time, SCLK
190
ns
1
twL
Minimum Clock Low Time, SCLK
190
ns
1, 7
tPLH, tPHL
Maximum Propagation Delay, SCLK to Dout
125
ns
1, 7
th
Minimum Hold Time, SCLK to Dout
10
ns
2, 7
tPLZ, tPHZ
Maximum Propagation Delay, CS to Dout High-Z
150
ns
2, 7
tPZL, tPZH
Maximum Propagation Delay, CS to Dout Driven
2.3
µs
3
tsu
Minimum Setup Time, Din to SCLK
100
ns
3
th
Minimum Hold Time, SCLK to Din
0
ns
4, 7, 8
td
Maximum Delay Time, EOC to Dout (MSB)
100
ns
5
tsu
Minimum Setup Time, CS to SCLK
2.425
µs
tCSd
Minimum Time Required Between 10th SCLK Falling Edge (
≤ 0.8 V) and
CS to Allow a Conversion
Note 2
tCAs
Maximum Delay Between 10th SCLK Falling Edge (
≤ 2 V) and CS to
Abort a Conversion
9
µs
5
th
Minimum Hold Time, Last SCLK to CS
0
ns
6, 8
tPHL
Maximum Propagation Delay, 10th SCLK to EOC
2.35
µs
1
tr, tf
Maximum Input Rise and Fall Times
SCLK
Din, CS
1
10
ms
µs
1, 4, 6 – 8
tTLH, tTHL
Maximum Output Transition Time, Any Output
300
ns
Cin
Maximum Input Capacitance
AN0 – AN4
SCLK, CS, Din
55
15
pF
Cout
Maximum Three-State Output Capacitance
Dout
15
pF
NOTES:
1. After the 10th SCLK falling edge (
≤ 2 V), at least 1 SCLK rising edge (≥ 2 V) must occur within 18.5 µs.
2. A CS edge may be received immediately after an active transition on the EOC pin.


Số phần tương tự - MC145053P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145053P LANSDALE-MC145053P Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
MC145053P LANSDALE-MC145053P Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
More results

Mô tả tương tự - MC145053P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com