công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145053 bảng dữ liệu(PDF) 4 Page - Motorola, Inc |
|
MC145053 bảng dữ liệu(HTML) 4 Page - Motorola, Inc |
4 / 15 page MC145053 MOTOROLA WIRELESS SEMICONDUCTOR SOLUTIONS DEVICE DATA 4 AC ELECTRICAL CHARACTERISTICS (Full Temperature and Voltage Ranges per Operation Ranges Table) Figure Symbol Parameter Guaranteed Limit Unit 1 f Clock Frequency, SCLK (10-bit xfer) Min (11- to 16-bit xfer) Min Note: Refer to twH, twL below (10- to 16-bit xfer) Max) 0 Note 1 2.1 MHz 1 twH Minimum Clock High Time, SCLK 190 ns 1 twL Minimum Clock Low Time, SCLK 190 ns 1, 7 tPLH, tPHL Maximum Propagation Delay, SCLK to Dout 125 ns 1, 7 th Minimum Hold Time, SCLK to Dout 10 ns 2, 7 tPLZ, tPHZ Maximum Propagation Delay, CS to Dout High-Z 150 ns 2, 7 tPZL, tPZH Maximum Propagation Delay, CS to Dout Driven 2.3 µs 3 tsu Minimum Setup Time, Din to SCLK 100 ns 3 th Minimum Hold Time, SCLK to Din 0 ns 4, 7, 8 td Maximum Delay Time, EOC to Dout (MSB) 100 ns 5 tsu Minimum Setup Time, CS to SCLK 2.425 µs — tCSd Minimum Time Required Between 10th SCLK Falling Edge ( ≤ 0.8 V) and CS to Allow a Conversion Note 2 — tCAs Maximum Delay Between 10th SCLK Falling Edge ( ≤ 2 V) and CS to Abort a Conversion 9 µs 5 th Minimum Hold Time, Last SCLK to CS 0 ns 6, 8 tPHL Maximum Propagation Delay, 10th SCLK to EOC 2.35 µs 1 tr, tf Maximum Input Rise and Fall Times SCLK Din, CS 1 10 ms µs 1, 4, 6 – 8 tTLH, tTHL Maximum Output Transition Time, Any Output 300 ns — Cin Maximum Input Capacitance AN0 – AN4 SCLK, CS, Din 55 15 pF — Cout Maximum Three-State Output Capacitance Dout 15 pF NOTES: 1. After the 10th SCLK falling edge ( ≤ 2 V), at least 1 SCLK rising edge (≥ 2 V) must occur within 18.5 µs. 2. A CS edge may be received immediately after an active transition on the EOC pin. |
Số phần tương tự - MC145053 |
|
Mô tả tương tự - MC145053 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |